Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 21Page - STMicroelectronics STA321MPL1 Datasheet HTML 22Page - STMicroelectronics STA321MPL1 Datasheet HTML 23Page - STMicroelectronics STA321MPL1 Datasheet HTML 24Page - STMicroelectronics STA321MPL1 Datasheet HTML 25Page - STMicroelectronics STA321MPL1 Datasheet HTML 26Page - STMicroelectronics STA321MPL1 Datasheet HTML 27Page - STMicroelectronics STA321MPL1 Datasheet HTML 28Page - STMicroelectronics STA321MPL1 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
DocID029389 Rev 1
25/80
STA321MPL1
Registers
80
cos [1,0] sets the clock out value. Clock out frequency is a ratio of the internal clock and the
ratio depends on the cos[1,0] setting.
Example cos[1,0] = 10:
XTI = 12.288
PLL output = 98.304 MHz
CK_out = 98.304/8 = 12.288
Clock out is automatically configured to obtain a frequency of 64 Fs (sys_clock/32) if the bit0
of the register 0x5D is asserted. This generates a valid clock to be provided to a digital
(PDM) microphone.
COS [1,0]
CKOUT frequency
00
PLL output
01
PLL output / 4
10
PLL output / 8
11
PLL output / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com