Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 119 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 119 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 115Page - Teccor Electronics P2202ACMC Datasheet HTML 116Page - Teccor Electronics P2202ACMC Datasheet HTML 117Page - Teccor Electronics P2202ACMC Datasheet HTML 118Page - Teccor Electronics P2202ACMC Datasheet HTML 119Page - Teccor Electronics P2202ACMC Datasheet HTML 120Page - Teccor Electronics P2202ACMC Datasheet HTML 121Page - Teccor Electronics P2202ACMC Datasheet HTML 122Page - Teccor Electronics P2202ACMC Datasheet HTML 123Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 212 page
background image
Secondary Protection
© 2002 Teccor Electronics
3 - 31
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Secondary Protection
Secondary protectors (stand alone units or integrated into strip protectors and UPSs) are
adjunct devices used to enhance the protection level of customer premise equipment
(CPE). Due to the inadequate level of protection designed into CPE, secondary protectors
often are required to prevent premature failure of equipment exposed to environmental
hazards (Figure 3.38).
Figure 3.38 CPE Secondary Protection
Protection Requirements
Secondary protectors should be able to withstand overvoltages that can exceed 800 V and
surge currents up to 100 A. Figure 3.39 illustrates a SIDACtor device selected because the
associated peak pulse current (IPP) is sufficient to withstand the lightning immunity tests of
TIA-968 (formerly known as FCC Part 68) without the additional use of series line
impedance. Likewise, Figure 3.39 illustrates a fuse selected because the amps2time (I2t)
rating is sufficient to withstand the lightning immunity tests of TIA-968, but low enough to
pass UL power cross conditions.
Figure 3.39 CPE Protection
Tip
Phone
Fax/Modem
Primary
Protector
Line
Impedance
Customer
Premise Equipment
Network
Interface
Secondary
Protector
Ring
P
S
To CPE
Equipment
P3203AB
or
P3203AC
Tip
Ring
F1250T
F1250T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com