Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 123 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 123 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 119Page - Teccor Electronics P2202ACMC Datasheet HTML 120Page - Teccor Electronics P2202ACMC Datasheet HTML 121Page - Teccor Electronics P2202ACMC Datasheet HTML 122Page - Teccor Electronics P2202ACMC Datasheet HTML 123Page - Teccor Electronics P2202ACMC Datasheet HTML 124Page - Teccor Electronics P2202ACMC Datasheet HTML 125Page - Teccor Electronics P2202ACMC Datasheet HTML 126Page - Teccor Electronics P2202ACMC Datasheet HTML 127Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 212 page
background image
LAN / WAN Protectors
© 2002 Teccor Electronics
3 - 35
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
LAN / WAN Protectors
10Base-T Protection
Capacitance across the pair of wires = (D1 || D2) + P0640EA/SA
The MUR 1100E diodes capacitance is approximately (10 pF || 10 pF) 20 pF. Then, adding
the capacitive effect of the SIDACtor (typically 50 pF), the total capacitance across the pair
of wires is approximately 14 pF. This provides a GR 1089 intra-building compliant design.
(Figure 3.43)
Note: MURS160T3 is an SMT equivalent of the MUR 1100E.
Figure 3.43 10Base-T Metallic-only Protection
Figure 3.44 shows an application requiring longitudinal protection.
Figure 3.44 10Base-T Metallic and Longitudinal Protection
D1
D2
F0500T
D1
D2
D3
D4
F0500T
F0500T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com