Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 166 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 166 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 162Page - Teccor Electronics P2202ACMC Datasheet HTML 163Page - Teccor Electronics P2202ACMC Datasheet HTML 164Page - Teccor Electronics P2202ACMC Datasheet HTML 165Page - Teccor Electronics P2202ACMC Datasheet HTML 166Page - Teccor Electronics P2202ACMC Datasheet HTML 167Page - Teccor Electronics P2202ACMC Datasheet HTML 168Page - Teccor Electronics P2202ACMC Datasheet HTML 169Page - Teccor Electronics P2202ACMC Datasheet HTML 170Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 212 page
background image
Construction and Operation
http://www.teccor.com
5 - 4
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
amounts of current because of the low voltage drop (VT) across the device. Once the
current flowing through the device is either interrupted or falls below a minimum holding
current (IH), the SIDACtor resets, returning to its off state. If the IPP rating is exceeded, the
SIDACtor device typically becomes a permanent short circuit.
Physics
The SIDACtor device is a semiconductor device which is characterized as having four
layers of alternating conductivity: PNPN. (Figure 5.2) The four layers include an emitter
layer, an upper base layer, a mid-region layer, and a lower base layer. The emitter is
sometimes referred to as a cathode region, with the lower base layer being referred to as
an anode region.
As the voltage across the SIDACtor device increases and exceeds the device’s VDRM, the
electric field across the center junction reaches a value sufficient to cause avalanche
multiplication. As avalanche multiplication occurs, the impedance of the device begins to
decrease, and current flow begins to increase until the SIDACtor device’s current gain
exceeds unity. Once unity is exceeded, the SIDACtor device switches from a high
impedance (measured at VS) to a low impedance (measured at VT) until the current flowing
through the device is reduced below its holding current (IH).
Figure 5.2 Geometric Structure of Bidirectional SIDACtor devices
P
N
N
N
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com