Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 170 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 170 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 166Page - Teccor Electronics P2202ACMC Datasheet HTML 167Page - Teccor Electronics P2202ACMC Datasheet HTML 168Page - Teccor Electronics P2202ACMC Datasheet HTML 169Page - Teccor Electronics P2202ACMC Datasheet HTML 170Page - Teccor Electronics P2202ACMC Datasheet HTML 171Page - Teccor Electronics P2202ACMC Datasheet HTML 172Page - Teccor Electronics P2202ACMC Datasheet HTML 173Page - Teccor Electronics P2202ACMC Datasheet HTML 174Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 212 page
background image
Fuse Selection Criteria
http://www.teccor.com
5 - 8
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Fuse Selection Criteria
A fuse can be relied upon to operate safely at its rated current, at or below its rated voltage.
This voltage rating is covered by the National Electric Code (NEC) regulations and is a
requirement of UL as protection against fire risk. The standard voltage ratings used by fuse
manufacturers for most small dimension fuses are 32 V, 63 V, 125 V, 250 V, and 600 V.
Fuses are not sensitive to changes in voltage; however, they are sensitive to changes in
current. The fuse will maintain “steady-state” operation from zero volts to the maximum
voltage rating. It is not until the fuse element melts and internal arcing occurs, that circuit
voltage and available power become an issue. The interrupt rating of the fuse addresses
this issue. Specifically, the voltage rating determines the ability of the fuse to suppress
internal arcing that occurs after the fuse link melts.
For telecommunication applications, a voltage rating of 250 V is chosen because of the
possibility of power line crosses. A three-phase voltage line will have voltage values up to
220 V. It is desirable for the voltage rating of the fuse to exceed this possible power cross
event.
UL 60950 has a power cross test condition that requires a fuse to have an interrupt rating of
40 A at 600 V. GR 1089 contains a power cross test condition that requires a fuse to have
an interrupt rating of 60 A at 600 V. A 125 V-rated part will not meet this requirement.
A 250 V part with special design consideration, such as Teccor’s F1250T TeleLink
fuse, does meet this requirement.
Because fuses are rated in terms of continuous voltage and current-carrying capacity, it is
often difficult to translate this information in terms of peak pulse current ratings. To simplify
this process, Table 5.1 shows the surge rating correlation to fuse rating.
Notes:
• The IPP ratings apply to a 2AG (glass body) slow blow fuse only.
• Because there is a high degree of variance in the fusing characteristics, the IPP ratings listed should only be used as approximations.
Table 5.1 Surge Rating Correlation to Fuse Rating
Fuse Rating
(mA)
Equivalent IPP Rating
10x160 µs
(A)
10x560 µs
(A)
10x1000 µs
(A)
250
301510
350
452520
400
503025
500
653530
600
754535
750
906550
1000
130
85
65
1250
160
115
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com