Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 186 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 186 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 182Page - Teccor Electronics P2202ACMC Datasheet HTML 183Page - Teccor Electronics P2202ACMC Datasheet HTML 184Page - Teccor Electronics P2202ACMC Datasheet HTML 185Page - Teccor Electronics P2202ACMC Datasheet HTML 186Page - Teccor Electronics P2202ACMC Datasheet HTML 187Page - Teccor Electronics P2202ACMC Datasheet HTML 188Page - Teccor Electronics P2202ACMC Datasheet HTML 189Page - Teccor Electronics P2202ACMC Datasheet HTML 190Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 212 page
background image
SIDACtor Soldering Recommendations
http://www.teccor.com
5 - 24
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Wave Soldering
Another common method for soldering components to a PCB is wave soldering. After
fluxing the PCB, an adhesive is applied to the respective footprints so that components can
be glued in place. Once the adhesive has cured, the board is pre-heated and then placed in
contact with a molten wave of solder which has a temperature between 240 °C and 260 °C
and permanently affixes the component to the PCB. (Figure 5.8 and Figure 5.10)
Although a popular method of soldering, wave soldering does have drawbacks:
• A double pass is often required to remove excess solder.
• Solder bridging and shadows begin to occur as board density increases.
• Wave soldering uses the sharpest thermal gradient.
Figure 5.9 Wave Soldering Surface Mount Components Only
Figure 5.10 Wave Soldering Surface Mount and Leaded Components
Apply glue
Screen print glue
Place component
Cure glue
Wave solder
PC board
Insert
leaded
components
Turn over the
PC board
Apply
glue
Place
SMDs
Cure
glue
Turn over the
PC board
Wave solder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com