Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMC Datasheet(PDF) 187 Page - Teccor Electronics

Part # P2202ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P2202ACMC Datasheet(HTML) 187 Page - Teccor Electronics

Back Button P2202ACMC Datasheet HTML 183Page - Teccor Electronics P2202ACMC Datasheet HTML 184Page - Teccor Electronics P2202ACMC Datasheet HTML 185Page - Teccor Electronics P2202ACMC Datasheet HTML 186Page - Teccor Electronics P2202ACMC Datasheet HTML 187Page - Teccor Electronics P2202ACMC Datasheet HTML 188Page - Teccor Electronics P2202ACMC Datasheet HTML 189Page - Teccor Electronics P2202ACMC Datasheet HTML 190Page - Teccor Electronics P2202ACMC Datasheet HTML 191Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 212 page
background image
TeleLink Fuse Soldering
© 2002 Teccor Electronics
5 - 25
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
TeleLink Fuse Soldering
For wave soldering a TeleLink fuse, the following temperature and time are recommended:
• Reservoir temperature of 260 °C (500 °F)
• Time in reservoir — three seconds maximum
For infrared, the following temperature and time are recommended:
• Temperature of 240 °C (464 °F)
• Time — 30 seconds maximum
Hand soldering is not recommended for this fuse because excessive heat can affect the
fuse performance. Hand soldering should be used only for rework and low volume samples.
Note the following recommendations for hand soldering:
• Maximum tip temperature of 240 °C (464 °F)
• Minimize the soldering time at temperature to achieve the solder joint. Measure the fuse
resistance before and after soldering. Any fuse that shifts more than ±3% should be
replaced. An increase in resistance above this amount increases the possibility of a
surge failure, and a decrease in resistance may cause low overloads to exceed the
maximum opening times.
• Inspect the solder joint to ensure an adequate solder fillet has been produced without
any cracks or visible defects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com