Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 105 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 105 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 101Page - Cirrus Logic WM8321 Datasheet HTML 102Page - Cirrus Logic WM8321 Datasheet HTML 103Page - Cirrus Logic WM8321 Datasheet HTML 104Page - Cirrus Logic WM8321 Datasheet HTML 105Page - Cirrus Logic WM8321 Datasheet HTML 106Page - Cirrus Logic WM8321 Datasheet HTML 107Page - Cirrus Logic WM8321 Datasheet HTML 108Page - Cirrus Logic WM8321 Datasheet HTML 109Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
105
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16416
(4020h)
RTC Write
Counter
15:0
RTC_WR_CNT
0000h
RTC Write Counter.
This random number is updated on
every write to the RTC_TIME
registers.
R16417
(4021h)
RTC Time 1
15:0
RTC_TIME
[31:16]
0000h
RTC Seconds counter (MSW)
RTC_TIME increments by 1 every
second. This is the 16 MSBs.
R16418
(4022h)
RTC Time 2
15:0
RTC_TIME [15:0]
0000h
RTC Seconds counter (LSW)
RTC_TIME increments by 1 every
second. This is the 16 LSBs.
R16419
(4023h)
RTC Alarm 1
15:0
RTC_ALM [31:16]
0000h
RTC Alarm time (MSW)
16 MSBs of RTC_ALM
R16420
(4024h)
RTC Alarm 2
15:0
RTC_ALM [15:0]
0000h
RTC Alarm time (LSW)
16 LSBs of RTC_ALM
R16421
(4025h)
RTC Control
15
RTC_VALID
0
RTC Valid status
0 = RTC_TIME has not been set
since Power On Reset
1 = RTC_TIME has been written to
since Power On Reset
14
RTC_SYNC_BUS
Y
0
RTC Busy status
0 = Normal
1 = Busy
The RTC registers should not be
written to when RTC_SYNC_BUSY =
1.
10
RTC_ALM_ENA
0
RTC Alarm Enable
0 = Disabled
1 = Enabled
R16422
(4026h)
RTC Trim
9:0
RTC_TRIM
000h
RTC frequency trim. Value is a 10bit
fixed point <4,6> 2’s complement
number. MSB Scaling = -8Hz.
The register indicates the error (in
Hz) with respect to the ideal
32768Hz) of the input crystal
frequency.
Protected by user key
Table 49 Real Time Clock (RTC) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com