Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 109 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 109 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 105Page - Cirrus Logic WM8321 Datasheet HTML 106Page - Cirrus Logic WM8321 Datasheet HTML 107Page - Cirrus Logic WM8321 Datasheet HTML 108Page - Cirrus Logic WM8321 Datasheet HTML 109Page - Cirrus Logic WM8321 Datasheet HTML 110Page - Cirrus Logic WM8321 Datasheet HTML 111Page - Cirrus Logic WM8321 Datasheet HTML 112Page - Cirrus Logic WM8321 Datasheet HTML 113Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
109
GPn_FN
GPIO INPUT
FUNCTION
DESCRIPTION
DE-BOUNCE
TIME
8h
Hardware DVS
control 1
Control input for selecting the DVS output
voltage in one or more DC-DC Converters.
See Section 15.6.
None
9h
Hardware DVS
control 2
Control input for selecting the DVS output
voltage in one or more DC-DC Converters.
See Section 15.6.
None
Ah
Hardware
Enable 1
Control input for enabling one or more DC-DC
Converters and LDO Regulators.
See Section 15.
32
s to 64s
Bh
Hardware
Enable 2
Control input for enabling one or more DC-DC
Converters and LDO Regulators.
See Section 15.
32
s to 64s
Ch
Hardware
Control input 1
Control input for selecting the operating mode
and/or output voltage of one or more DC-DC
Converters and LDO Regulators.
See Section 15.
32
s to 64s
Dh
Hardware
Control input 2
Control input for selecting the operating mode
and/or output voltage of one or more DC-DC
Converters and LDO Regulators.
See Section 15.
32
s to 64s
Eh
Hardware
Control input 1
Control input for selecting the operating mode
and/or output voltage of one or more DC-DC
Converters and LDO Regulators.
See Section 15.
32ms to 64ms
Fh
Hardware
Control input 2
Control input for selecting the operating mode
and/or output voltage of one or more DC-DC
Converters and LDO Regulators.
See Section 15.
32ms to 64ms
Table 52 List of GPIO Input Functions
Further details of the GPIO input de-bounce time are noted in Section 21.3.
GPn_FN
GPIO OUTPUT
FUNCTION
DESCRIPTION
0h
GPIO
GPIO output. Logic level is set by writing to the GPn_LVL
register bits. See Section 21.3.
1h
Oscillator clock
32.768kHz clock output. See Section 13.
2h
ON state
Logic output indicating that the WM8321 is in the ON state. See
Section 11.5.
3h
SLEEP state
Logic output indicating that the WM8321 is in the SLEEP state.
See Section 11.5.
4h
Power State
Change
Logic output asserted whenever a Power On Reset, or an ON,
OFF, SLEEP or WAKE transition has completed.
Under default polarity (GPn_POL=1), the logic level is the same
as the PS_INT interrupt status flag. Note that, if any of the
associated Secondary interrupts is masked, then the respective
event will not affect the Power State Change GPIO output.
See Section 11.2 and Section 11.4.
8h
DC-DC1 DVS
Done
Logic output indicating that DC-DC1 buck converter DVS slew
has been completed. This signal is temporarily de-asserted
during voltage transitions (including non-DVS transitions). See
Section 15.6.
9h
DC-DC2 DVS
Done
Logic output indicating that DC-DC1 buck converter DVS slew
has been completed. This signal is temporarily de-asserted
during voltage transitions (including non-DVS transitions). See
Section 15.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com