Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 112 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 112 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 108Page - Cirrus Logic WM8321 Datasheet HTML 109Page - Cirrus Logic WM8321 Datasheet HTML 110Page - Cirrus Logic WM8321 Datasheet HTML 111Page - Cirrus Logic WM8321 Datasheet HTML 112Page - Cirrus Logic WM8321 Datasheet HTML 113Page - Cirrus Logic WM8321 Datasheet HTML 114Page - Cirrus Logic WM8321 Datasheet HTML 115Page - Cirrus Logic WM8321 Datasheet HTML 116Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
112
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16396
(400Ch)
GPIO Level
11
GP12_LVL
0
GPIOn level.
When GPn_FN = 0h and GPn_DIR
= 0, write to this bit to set a GPIO
output.
Read from this bit to read GPIO
input level.
When GPn_POL is 0, the register
contains the opposite logic level to
the external pin.
10
GP11_LVL
0
9
GP10_LVL
0
8
GP9_LVL
0
7
GP8_LVL
0
6
GP7_LVL
0
5
GP6_LVL
0
4
GP5_LVL
0
3
GP4_LVL
0
2
GP3_LVL
0
1
GP2_LVL
0
0
GP1_LVL
0
Table 55 GPIO Level Register
The power domain for each GPIO is controlled using the GPn_PWR_DOM registers as described in
Table 56.
The selected power domain for each GPIO affects the maximum input voltage that can be supported
on the respective pin(s). Note that this is also applicable when GPIO10, GPIO11 or GPIO12 are used
as inputs to the AUXADC (see Section 18). The input voltage at the GPIO pin must not exceed the
voltage of the respective power domain.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16440
(4038h)
GPIO1 Control
11
GP1_PWR_DO
M
0
GPIO1 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16441
(4039h)
GPIO2 Control
11
GP2_PWR_DO
M
0
GPIO2 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16442
(403Ah)
GPIO3 Control
11
GP3_PWR_DO
M
0
GPIO3 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16443
(403Bh)
GPIO4 Control
11
GP4_PWR_DO
M
0
GPIO4 Power Domain select
0 = DBVDD
1 = PVDD
R16444
(403Ch)
GPIO5 Control
11
GP5_PWR_DO
M
0
GPIO5 Power Domain select
0 = DBVDD
1 = PVDD
R16445
(403Dh)
GPIO6 Control
11
GP6_PWR_DO
M
0
GPIO6 Power Domain select
0 = DBVDD
1 = PVDD
R16446
(403Eh)
GPIO7 Control
11
GP7_PWR_DO
M
0
GPIO7 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16447
(403Fh)
GPIO8 Control
11
GP8_PWR_DO
M
0
GPIO8 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16448
(4040h)
GPIO9 Control
11
GP9_PWR_DO
M
0
GPIO9 Power Domain select
0 = DBVDD
1 = VPMIC (LDO12)
R16449
(4041h)
GPIO10
Control
11
GP10_PWR_D
OM
0
GPIO10 Power Domain select
0 = DBVDD
1 = PVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com