Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 132 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 132 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 128Page - Cirrus Logic WM8321 Datasheet HTML 129Page - Cirrus Logic WM8321 Datasheet HTML 130Page - Cirrus Logic WM8321 Datasheet HTML 131Page - Cirrus Logic WM8321 Datasheet HTML 132Page - Cirrus Logic WM8321 Datasheet HTML 133Page - Cirrus Logic WM8321 Datasheet HTML 134Page - Cirrus Logic WM8321 Datasheet HTML 135Page - Cirrus Logic WM8321 Datasheet HTML 136Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
132
24.4 SUPPLY VOLTAGE MONITORING
The WM8321 includes a number of mechanisms to prevent the system from starting up, or to force it
to shut down, when the power sources are critically low.
The internal regulator LDO12 is powered from an internal domain equivalent to PVDD and generates
an internal supply (VPMIC) to support various “always-on” functions. In the absence of the PVDD
supply, LDO12 can be powered from a backup battery. (Note that PVDD is not maintained by the
backup battery.) The VPMIC monitoring function controls the Power-On Reset circuit, which sets the
threshold below which the WM8321 cannot operate.
The operation of the VPMIC monitoring circuit is illustrated in Figure 26. The internal signal PORRST
¯¯¯¯¯¯¯
is governed by the VPOR thresholds. These determine when the WM8321 is kept in the NO POWER
state. The internal signal PMICRST
¯¯¯¯¯¯¯¯ is governed by the VRES thresholds. These determine when the
WM8321 is kept in the BACKUP state.
The VPMIC monitoring thresholds illustrated in Figure 26 are fixed. The voltage levels are defined in
the Electrical Characteristics - see Section 7.3.
Figure 26 VPMIC Monitoring
The operation of the PVDD monitoring circuit is illustrated in Figure 27. The VSHUTDOWN threshold is the
voltage below which the WM8321 forces an OFF transition. This threshold voltage is fixed and is
defined in the Electrical Characteristics - see Section 7.3.
The VSYSOK threshold is the level at which the internal signal SYSOK is asserted. Any ON request will
be inhibited if SYSOK is not set. The VSYSOK threshold can be set using the SYSOK_THR register field
in accordance with the minimum voltage requirements of the application. Note that a hysteresis
margin is added to the SYSOK_THR setting; see Section 7.3 for details.
The VSYSLO threshold is the level at which the internal signal SYSLO is asserted. This indicates a
PVDD undervoltage condition, at which a selectable response can be initiated. The VSYSLO threshold
can be set using the SYSLO_THR register field. The action taken under this undervoltage condition is
selected using the SYSLO_ERR_ACT register field, as defined in Table 78. An Interrupt event is
associated with the SYSLO condition - see Section 17.2.
The SYSLO status can be read from the SYSLO_STS register bit. This bit is asserted when PVDD is
below the SYSLO threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com