Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 133 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 133 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 129Page - Cirrus Logic WM8321 Datasheet HTML 130Page - Cirrus Logic WM8321 Datasheet HTML 131Page - Cirrus Logic WM8321 Datasheet HTML 132Page - Cirrus Logic WM8321 Datasheet HTML 133Page - Cirrus Logic WM8321 Datasheet HTML 134Page - Cirrus Logic WM8321 Datasheet HTML 135Page - Cirrus Logic WM8321 Datasheet HTML 136Page - Cirrus Logic WM8321 Datasheet HTML 137Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
133
The WM8321 can also indicate the status of the SYSOK signal via a GPIO pin configured as a “PVDD
Good” output (see Section 21). A GPIO pin configured as “PVDD Good” output will be asserted when
the PVDD is above the SYSOK threshold.
Figure 27 PVDD Monitoring
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16385
(4001h)
PVDD
Control
15:14
SYSLO_ERR_
ACT
00
SYSLO Error Action
Selects the action taken when SYSLO is
asserted
00 = Interrupt
01 = WAKE transition
10 = Reserved
11 = OFF transition
11
SYSLO_STS
0
SYSLO Status
0 = Normal
1 = PVDD is below SYSLO threshold
6:4
SYSLO_THR
[2:0]
010
SYSLO threshold (falling PVDD)
This is the falling PVDD voltage at which
SYSLO will be asserted
000 = 2.8V
001 = 2.9V
…
111 = 3.5V
2:0
SYSOK_THR
[2:0]
101
SYSOK threshold (rising PVDD)
This is the rising PVDD voltage at which
SYSOK will be asserted
000 = 2.8V
001 = 2.9V
…
111 = 3.5V
Note that the SYSOK hysteresis margin is
added to these threshold levels.
Table 78 PVDD Monitoring Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com