Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 146 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 146 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 142Page - Cirrus Logic WM8321 Datasheet HTML 143Page - Cirrus Logic WM8321 Datasheet HTML 144Page - Cirrus Logic WM8321 Datasheet HTML 145Page - Cirrus Logic WM8321 Datasheet HTML 146Page - Cirrus Logic WM8321 Datasheet HTML 147Page - Cirrus Logic WM8321 Datasheet HTML 148Page - Cirrus Logic WM8321 Datasheet HTML 149Page - Cirrus Logic WM8321 Datasheet HTML 150Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
146
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16386
(4002h)
Thermal
Monitoring
3
THW_HYST
1
Thermal Warning hysteresis
0 = 8 degrees C
1 = 16 degrees C
1:0
THW_TEMP
[1:0]
10
Thermal Warning temperature
00 = 90 degrees C
01 = 100 degrees C
10 = 110 degrees C
11 = 120 degrees C
Register 4002h
Thermal Monitoring
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16387
(4003h)
Power State
15
CHIP_ON
0
Indicates whether the system is ON or OFF.
0 = OFF
1 = ON (or SLEEP)
OFF can be commanded by writing CHIP_ON = 0.
Note that writing CHIP_ON = 1 is not a valid ‘ON’ event,
and will not trigger an ON transition.
14
CHIP_SLP
0
Indicates whether the system is in the SLEEP state.
0 = Not in SLEEP
1 = SLEEP
WAKE can be commanded by writing CHIP_SLP = 0.
SLEEP can be commanded by writing CHIP_SLP = 1.
12
REF_LP
0
Low Power Voltage Reference Control
0 = Normal
1 = Low Power Reference Mode select
Note that Low Power Reference Mode is only supported
when the Auxiliary ADC is disabled.
11:10
PWRSTATE_D
LY [1:0]
10
Power State transition delay
00 = No delay
01 = No delay
10 = 1ms
11 = 10ms
9
SWRST_DLY
0
Software Reset Delay
0 = No delay
1 = Software Reset is delayed by PWRSTATE_DLY
following the Software Reset command
Register 4003h
Power State
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16388
(4004h)
Watchdog
15
WDOG_ENA
1
Watchdog Timer Enable
0 = Disabled
1 = Enabled (enables the watchdog; does not reset it)
Protected by security key.
14
WDOG_DEBU
G
0
Watchdog Pause
0 = Disabled
1 = Enabled (halts the Watchdog timer for system
debugging)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com