Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 147 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 147 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 143Page - Cirrus Logic WM8321 Datasheet HTML 144Page - Cirrus Logic WM8321 Datasheet HTML 145Page - Cirrus Logic WM8321 Datasheet HTML 146Page - Cirrus Logic WM8321 Datasheet HTML 147Page - Cirrus Logic WM8321 Datasheet HTML 148Page - Cirrus Logic WM8321 Datasheet HTML 149Page - Cirrus Logic WM8321 Datasheet HTML 150Page - Cirrus Logic WM8321 Datasheet HTML 151Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
147
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Protected by security key.
13
WDOG_RST_S
RC
1
Watchdog Reset Source
0 = Hardware only
1 = Software only
Protected by security key.
12
WDOG_SLPE
NA
0
Watchdog SLEEP Enable
0 = Disabled
1 = Controlled by WDOG_ENA
Protected by security key.
11
WDOG_RESE
T
0
Watchdog Software Reset
0 = Normal
1 = Watchdog Reset (resets the watchdog, if
WDOG_RST_SRC = 1)
9:8
WDOG_SECA
CT [1:0]
10
Secondary action of Watchdog timeout (taken after 2
timeout periods)
00 = No action
01 = Interrupt
10 = Device Reset
11 = WAKE transition
Protected by security key.
5:4
WDOG_PRIMA
CT [1:0]
01
Primary action of Watchdog timeout
00 = No action
01 = Interrupt
10 = Device Reset
11 = WAKE transition
Protected by security key.
2:0
WDOG_TO
[2:0]
111
Watchdog timeout period
000 = 0.256s
001 = 0.512s
010 = 1.024s
011 = 2.048s
100 = 4.096s
101 = 8.192s
110 = 16.384s
111 = 32.768s
Protected by security key.
Register 4004h
Watchdog
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16389
(4005h) ON
Pin Control
9:8
ON_PIN_SECA
CT [1:0]
01
Secondary action of ON pin (taken after 1 timeout
period)
00 = Interrupt
01 = ON request
10 = OFF request
11 = Reserved
Protected by security key.
5:4
ON_PIN_PRIM
ACT [1:0]
00
Primary action of ON pin
00 = Ignore
01 = ON request
10 = OFF request
11 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com