Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 196 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 196 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 192Page - Cirrus Logic WM8321 Datasheet HTML 193Page - Cirrus Logic WM8321 Datasheet HTML 194Page - Cirrus Logic WM8321 Datasheet HTML 195Page - Cirrus Logic WM8321 Datasheet HTML 196Page - Cirrus Logic WM8321 Datasheet HTML 197Page - Cirrus Logic WM8321 Datasheet HTML 198Page - Cirrus Logic WM8321 Datasheet HTML 199Page - Cirrus Logic WM8321 Datasheet HTML 200Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
196
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16481
(4061h) DC3
Control 2
15:14
DC3_ERR_AC
T [1:0]
00
DC-DC3 Error Action (Undervoltage)
00 = Ignore
01 = Shut down converter
10 = Shut down system (Device Reset)
11 = Reserved
Note that an Interrupt is always raised.
12:11
DC3_HWC_SR
C [1:0]
00
DC-DC3 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
10
DC3_HWC_VS
EL
0
DC-DC3 Hardware Control Voltage select
0 = Set by DC3_ON_VSEL
1 = Set by DC3_SLP_VSEL
9:8
DC3_HWC_M
ODE [1:0]
11
DC-DC3 Hardware Control Operating Mode
00 = Forced Continuous Conduction Mode
01 = Disabled
10 = LDO Mode
11 = Hysteretic Mode
7
DC3_OVP
0
DC-DC3 Overvoltage Protection
0 = Disabled
1 = Enabled
Register 4061h
DC3 Control 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16482
(4062h) DC3
ON Config
15:13
DC3_ON_SLO
T [2:0]
000
DC-DC3 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
9:8
DC3_ON_MOD
E [1:0]
01
DC-DC3 ON Operating Mode
00 = Forced Continuous Conduction Mode
01 = Auto Mode (Continuous / Discontinuous
Conduction with Pulse-Skipping)
10 = LDO Mode
11 = Hysteretic Mode
6:2
DC3_ON_VSE
L [6:2]
0_0000
DC-DC3 ON Voltage select
DC3_ON_VSEL [6:0] selects the DC-DC3 output
voltage from 0.85V to 3.4V in 25mV steps.
DC3_ON_VSEL [6:2] also exist in ICE/OTP memory,
controlling the voltage in 100mV steps.
DC3_ON_VSEL [6:0] is coded as follows:
00h = 0.85V
01h = 0.875V
…
65h = 3.375V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com