Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 197 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 197 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 193Page - Cirrus Logic WM8321 Datasheet HTML 194Page - Cirrus Logic WM8321 Datasheet HTML 195Page - Cirrus Logic WM8321 Datasheet HTML 196Page - Cirrus Logic WM8321 Datasheet HTML 197Page - Cirrus Logic WM8321 Datasheet HTML 198Page - Cirrus Logic WM8321 Datasheet HTML 199Page - Cirrus Logic WM8321 Datasheet HTML 200Page - Cirrus Logic WM8321 Datasheet HTML 201Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
197
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
66h to 7Fh = 3.4V
1:0
DC3_ON_VSE
L [1:0]
00
DC-DC3 ON Voltage select
DC3_ON_VSEL [6:0] selects the DC-DC3 output
voltage from 0.85V to 3.4V in 25mV steps.
See DC3_ON_VSEL [6:2] for definition.
Register 4062h
DC3 ON Config
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16483
(4063h) DC3
SLEEP
Control
15:13
DC3_SLP_SLO
T [2:0]
000
DC-DC3 SLEEP Slot select
000 = SLEEP voltage / operating mode transition in
Timeslot 5
001 = Disable in Timeslot 5
010 = Disable in Timeslot 4
011 = Disable in Timeslot 3
100 = Disable in Timeslot 2
101 = Disable in Timeslot 1
110 = SLEEP voltage / operating mode transition in
Timeslot 3
111 = SLEEP voltage / operating mode transition in
Timeslot 1
If DC-DC3 is assigned to a Hardware Enable Input,
then codes 001-101 select in which timeslot the
converter enters its SLEEP condition.
9:8
DC3_SLP_MO
DE [1:0]
11
DC-DC3 SLEEP Operating Mode
00 = Forced Continuous Conduction Mode
01 = Auto Mode (Continuous / Discontinuous
Conduction with Pulse-Skipping)
10 = LDO Mode
11 = Hysteretic Mode
6:0
DC3_SLP_VSE
L [6:0]
000_0000 DC-DC3 SLEEP Voltage select
0.85V to 3.4V in 25mV steps
00h = 0.85V
01h = 0.875V
…
65h = 3.375V
66h to 7Fh = 3.4V
Register 4063h
DC3 SLEEP Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16484
(4064h) DC4
Control 1
13
DC4_SLV
0
DC-DC4 Slave Mode select
0 = Disabled
1 = Enabled
DC4_SLV = 1, then DC-DC4 is a slave to DC-DC3, and
both converters are controlled by the DC-DC3 registers.
This field can only be written to by loading configuration
settings from OTP/ICE. In all other cases, this field is
Read Only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com