Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 225 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 225 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 221Page - Cirrus Logic WM8321 Datasheet HTML 222Page - Cirrus Logic WM8321 Datasheet HTML 223Page - Cirrus Logic WM8321 Datasheet HTML 224Page - Cirrus Logic WM8321 Datasheet HTML 225Page - Cirrus Logic WM8321 Datasheet HTML 226Page - Cirrus Logic WM8321 Datasheet HTML 227Page - Cirrus Logic WM8321 Datasheet HTML 228Page - Cirrus Logic WM8321 Datasheet HTML 229Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
225
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30720
(7800h)
Unique ID 1
15:0
UNIQUE_ID
[15:0]
0000_0000
_0000_000
0
Unique ID, Word 7
Register 7800h
Unique ID 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30721
(7801h)
Unique ID 2
15:0
UNIQUE_ID
[15:0]
0000_0000
_0000_000
0
Unique ID, Word 6
Register 7801h
Unique ID 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30722
(7802h)
Unique ID 3
15:0
UNIQUE_ID
[15:0]
0000_0000
_0000_000
0
Unique ID, Word 5
Register 7802h
Unique ID 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30723
(7803h)
Unique ID 4
15:0
UNIQUE_ID
[15:0]
0000_0000
_0000_000
0
Unique ID, Word 4
Register 7803h
Unique ID 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30724
(7804h)
Unique ID 5
15:0
UNIQUE_ID
[15:0]
0000_0000
_0000_000
0
Unique ID, Word 3
Register 7804h
Unique ID 5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30725
(7805h)
Unique ID 6
15:0
UNIQUE_ID
[15:0]
0000_0000
_0000_000
0
Unique ID, Word 2
Register 7805h
Unique ID 6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30726
(7806h)
Unique ID 7
15:0
UNIQUE_ID
[15:0]
0000_0000
_0000_000
0
Unique ID, Word 1
Register 7806h
Unique ID 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com