Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 229 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 229 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 225Page - Cirrus Logic WM8321 Datasheet HTML 226Page - Cirrus Logic WM8321 Datasheet HTML 227Page - Cirrus Logic WM8321 Datasheet HTML 228Page - Cirrus Logic WM8321 Datasheet HTML 229Page - Cirrus Logic WM8321 Datasheet HTML 230Page - Cirrus Logic WM8321 Datasheet HTML 231Page - Cirrus Logic WM8321 Datasheet HTML 232Page - Cirrus Logic WM8321 Datasheet HTML 233Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
229
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
settings from OTP/ICE. In all other cases, this field is
Read Only.
5:4
DC1_CAP [1:0]
00
DC-DC1 Output Capacitor
00 = 4.7uF to 20uF
01 = Reserved
10 = 22uF to 47uF
11 = Reserved
This field can only be written to by loading configuration
settings from OTP/ICE. In all other cases, this field is
Read Only.
3:2
DC2_FREQ
[1:0]
00
DC-DC2 Switching Frequency
00 = Reserved
01 = 2.0MHz (2.2uH output inductor)
10 = 4.0MHz (1uH output inductor)
11 = 4.0MHz (0.5uH output inductor)
This field can only be written to by loading configuration
settings from OTP/ICE. In all other cases, this field is
Read Only.
1:0
DC1_FREQ
[1:0]
00
DC-DC1 Switching Frequency
00 = Reserved
01 = 2.0MHz (2.2uH output inductor)
10 = 4.0MHz (1uH output inductor)
11 = 4.0MHz (0.5uH output inductor)
This field can only be written to by loading configuration
settings from OTP/ICE. In all other cases, this field is
Read Only.
Register 7813h
DC3 OTP Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30740
(7814h)
LDO1/2
OTP Control
15:13
LDO2_ON_SL
OT [2:0]
000
LDO2 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
12:8
LDO2_ON_VS
EL [4:0]
0_0000
LDO2 ON Voltage select
0.9V to 1.6V in 50mV steps
1.7V to 3.3V in 100mV steps
00h = 0.90V
01h = 0.95V
…
0Eh = 1.60V
0Fh = 1.70V
…
1Eh = 3.20V
1Fh = 3.30V
7:5
LDO1_ON_SL
OT [2:0]
000
LDO1 ON Slot select
000 = Do not enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com