Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 47 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 43Page - Texas Instruments TAS3001CPWR Datasheet HTML 44Page - Texas Instruments TAS3001CPWR Datasheet HTML 45Page - Texas Instruments TAS3001CPWR Datasheet HTML 46Page - Texas Instruments TAS3001CPWR Datasheet HTML 47Page - Texas Instruments TAS3001CPWR Datasheet HTML 48Page - Texas Instruments TAS3001CPWR Datasheet HTML 49Page - Texas Instruments TAS3001CPWR Datasheet HTML 50Page - Texas Instruments TAS3001CPWR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
A−1
Appendix A
Software Interface
Table A−1. Register Map
REGISTER
ADDRESS
NO. OF
BYTES
BYTE DESCRIPTION
Reserved
00h
MCR
01h
1
C(7−0)
Reserved
02h
2
Reserved
Reserved
03h
Volume†
04h
6
VL(23−16), VL(15−8), VL(7−0), VR(23−16), VR(15−8), VR(7−0)
Treble
05h
1
T(7−0)
Bass
06h
1
B(7−0)
Mixer 1‡
07h
3
S(23−16), S(15−8), S(7−0)
Mixer 2‡
08h
3
S(23−16), S(15−8), S(7−0)
Reserved
09h
Left
Biquad 0
0Ah
15
B0(23−16), B0(15−8), B0(7−0), B1(23−16), B1(15−8), B1(7−0), B2(23−16), B2(15−8), B2(7−0),
A1(23−16), A1(15−8), A1(7−0), A2(23−16), A2(15−8), A2(7−0)
Left
Biquad 1‡
0Bh
15
B0(23−16), B0(15−8), B0(7−0), B1(23−16), B1(15−8), B1(7−0), B2(23−16), B2(15−8), B2(7−0),
A1(23−16), A1(15−8), A1(7−0), A2(23−16), A2(15−8), A2(7−0)
Left
Biquad 2‡
0Ch
15
B0(23−16), B0(15−8), B0(7−0), B1(23−16), B1(15−8), B1(7−0), B2(23−16), B2(15−8), B2(7−0),
A1(23−16), A1(15−8), A1(7−0), A2(23−16), A2(15−8), A2(7−0)
Left
Biquad 3‡
0Dh
15
B0(23−16), B0(15−8), B0(7−0), B1(23−16), B1(15−8), B1(7−0), B2(23−16), B2(15−8), B2(7−0),
A1(23−16), A1(15−8), A1(7−0), A2(23−16), A2(15−8), A2(7−0)
Left
Biquad 4‡
0Eh
15
B0(23−16), B0(15−8), B0(7−0), B1(23−16), B1(15−8), B1(7−0), B2(23−16), B2(15−8), B2(7−0),
A1(23−16), A1(15−8), A1(7−0), A2(23−16), A2(15−8), A2(7−0)
Left
Biquad 5‡
0Fh
15
B0(23−16), B0(15−8), B0(7−0), B1(23−16), B1(15−8), B1(7−0), B2(23−16), B2(15−8), B2(7−0),
A1(23−16), A1(15−8), A1(7−0) A2(23−16), A2(15−8), A2(7−0)
Reserved
10h−12h
Right
Biquad 0‡
13h
15
B0(23−16), B0(15−8), B0(7−0), B1(23−16), B1(15−8), B1(7−0), B2(23−16), B2(15−8), B2(7−0),
A1(23−16), A1(15−8), A1(7−0), A2(23−16), A2(15−8), A2(7−0)
Right
Biquad 1‡
14h
15
B0(23−16), B0(15−8), B0(7−0), B1(23−16), B1(15−8), B1(7−0), B2(23−16), B2(15−8), B2(7−0),
A1(23−16), A1(15−8), A1(7−0), A2(23−16), A2(15−8), A2(7−0)
Right
Biquad 2‡
15h
15
B0(23−16), B0(15−8), B0(7−0), B1(23−16), B1(15−8), B1(7−0), B2(23−16), B2(15−8), B2(7−0),
A1(23−16), A1(15−8), A1(7−0), A2(23−16), A2(15−8), A2(7−0)
Right
Biquad 3‡
16h
15
B0(23−16), B0(15−8), B0(7−0), B1(23−16), B1(15−8), B1(7−0), B2(23−16), B2(15−8), B2(7−0),
A1(23−16), A1(15−8), A1(7−0), A2(23−16), A2(15−8), A2(7−0)
Right
Biquad 4‡
17h
15
B0(23−16), B0(15−8), B0(7−0), B1(23−16), B1(15−8), B1(7−0), B2(23−16), B2(15−8), B2(7−0),
A1(23−16), A1(15−8), A1(7−0), A2(23−16), A2(15−8), A2(7−0)
Right
Biquad 5‡
18h
15
B0(23−16), B0(15−8), B0(7−0), B1(23−16), B1(15−8), B1(7−0), B2(23−16), B2(15−8), B2(7−0),
A1(23−16), A1(15−8), A1(7−0), A2(23−16), A2(15−8), A2(7−0)
Reserved
19h−FFh
† The volume value is a 4.16 coefficient. In order to transmit it over I2C, it is necessary to separate the value into three bytes. Byte 2 (MSB) is the
integer part and bytes 1 and 0 are the fractional part.
‡ The mixer gain values and biquad coefficients are 4.20 coefficients. In order to transmit them over I2C, it is necessary to separate the value into
three bytes. The first nibble of byte 2 (MSB) is the integer part; the second nibble of byte 2 and bytes 1 and 0 are the fractional part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com