Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 50 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 50 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 46Page - Texas Instruments TAS3001CPWR Datasheet HTML 47Page - Texas Instruments TAS3001CPWR Datasheet HTML 48Page - Texas Instruments TAS3001CPWR Datasheet HTML 49Page - Texas Instruments TAS3001CPWR Datasheet HTML 50Page - Texas Instruments TAS3001CPWR Datasheet HTML 51Page - Texas Instruments TAS3001CPWR Datasheet HTML 52Page - Texas Instruments TAS3001CPWR Datasheet HTML 53Page - Texas Instruments TAS3001CPWR Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
A−4
Table A−5. Treble Control Register
(Both left and right channel will be given the same treble gain setting)
Gain
(dB)
T(7−0)
(hex)
Gain
(dB)
T(7−0)
(hex)
Gain
(dB)
T(7−0)
(hex)
Gain
(dB)
T(7−0)
(hex)
Gain
(dB)
T(7−0)
(hex)
18.0
01h
10.5
4Ch
3.0
6Bh
−4.5
7Bh
−12.0
8Ah
17.5
09h
10.0
4Fh
2.5
6Ch
−5.0
7Ch
−12.5
8Bh
17.0
10h
9.5
52h
2.0
6Dh
−5.5
7Dh
−13.0
8Ch
16.5
16h
9.0
55h
1.5
6Eh
−6.0
7Eh
−13.5
8Dh
16.0
1Ch
8.5
57h
1.0
70h
−6.5
7Fh
−14.0
8Eh
15.5
22h
8.0
5Ah
0.5
71h
−7.0
80h
−14.5
8Fh
15.0
28h
7.5
5Ch
0.0
72h
−7.5
81h
−15.0
90h
14.5
2Dh
7.0
5Eh
−0.5
73h
−8.0
82h
−15.5
91h
14.0
32h
6.5
60h
−1.0
74h
−8.5
83h
−16.0
92h
13.5
36h
6.0
62h
−1.5
75h
−9.0
84h
−16.5
93h
13.0
3Ah
5.5
63h
−2.0
76h
−9.5
85h
−17.0
94h
12.5
3Eh
5.0
65h
−2.5
77h
−10.0
86h
−17.5
95h
12.0
42h
4.5
66h
−3.0
78h
−10.5
87h
−18.0
96h
11.5
45h
4.0
68h
−3.5
79h
−11.0
88h
11.0
49h
3.5
69h
−4.0
7Ah
−11.5
89h
Table A−6. Bass Control Register
(Both left and right channel will be given the same bass setting)
Gain
(dB)
B(7−0)
(hex)
Gain
(dB)
B(7−0)
(hex)
Gain
(dB)
B(7−0)
(hex)
Gain
(dB)
B(7−0)
(hex)
Gain
(dB)
B(7−0)
(hex)
18.0
01h
10.5
19h
3.0
35h
−4.5
51h
−12.0
6Bh
17.5
03h
10.0
1Ch
2.5
36h
−5.0
53h
−12.5
6Dh
17.0
06h
9.5
1Fh
2.0
38h
−5.5
54h
−13.0
6Eh
16.5
08h
9.0
21h
1.5
39h
−6.0
55h
−13.5
70h
16.0
0Ah
8.5
23h
1.0
3Bh
−6.5
56h
−14.0
72h
15.5
0Bh
8.0
25h
0.5
3Ch
−7.0
58h
−14.5
74h
15.0
0Dh
7.5
26h
0.0
3E
−7.5
59h
−15.0
76h
14.5
0Fh
7.0
28h
−0.5
40h
−8.0
5Ah
−15.5
78h
14.0
10h
6.5
29h
−1.0
42h
−8.5
5Ch
−16.0
7Ah
13.5
12h
6.0
2Bh
−1.5
44h
−9.0
5Dh
−16.5
7Dh
13.0
13h
5.5
2Ch
−2.0
46h
−9.5
5Fh
−17.0
7Fh
12.5
14h
5.0
2Eh
−2.5
49h
−10.0
61h
−17.5
82h
12.0
16h
4.5
30h
−3.0
4Bh
−10.5
64h
−18.0
86h
11.5
17h
4.0
31h
−3.5
4Dh
−11.0
66h
11.0
18h
3.5
33h
−4.0
4Fh
−11.5
69h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com