Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 31 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 31 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 27Page - Texas Instruments TAS3001CPWR Datasheet HTML 28Page - Texas Instruments TAS3001CPWR Datasheet HTML 29Page - Texas Instruments TAS3001CPWR Datasheet HTML 30Page - Texas Instruments TAS3001CPWR Datasheet HTML 31Page - Texas Instruments TAS3001CPWR Datasheet HTML 32Page - Texas Instruments TAS3001CPWR Datasheet HTML 33Page - Texas Instruments TAS3001CPWR Datasheet HTML 34Page - Texas Instruments TAS3001CPWR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
7−1
7 Measured Audio Performance for Some Typical Examples
To illustrate the performance of the TAS3001, a series of measurements was performed on a system shown in
Figure 7−1.
Measurement
System
TAS3001
S/PDIF
Transmitter
S/PDIF
Receiver
Control
Interface
TAS3001 Test System
Figure 7−1. Audio Performance Measurement System
The system performance was measured for three filter types at 48 kHz.
•
Butterworth high-pass filter at 1 kHz
•
Butterworth low-pass filter at 1 kHz
•
EQ filter at 1 kHz with a gain of 8 dB and a bandwidth of 500 Hz
The audio performance that was measured is shown in Table 7−1. The response shapes of the three test filters are
shown in Figure 7−2.
Table 7−1. Audio Filter Performance
PARAMETER
FILTER
CONDITIONS
MEASURED
All-pass
Vol = 0, mixer –0 dB, 48-kHz fs
< −110 dB
< 0.0003%
THD+N
1-kHz second-order Butterworth high- and low-pass filters
Vol = 0, mixer –0 dB, 48-kHz fs
< −106 dB
< 0.0005%
1-kHz EQ +8 dB, 500-Hz bandwidth
Vol = 0, mixer –8 dB, 48 kHz fs
< −108 dB
< 0.0004%
SNR
All filters
> 110 dB
IM
All filters
< −98 dB
< 0.001%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com