Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 26 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 22Page - Texas Instruments TAS3001CPWR Datasheet HTML 23Page - Texas Instruments TAS3001CPWR Datasheet HTML 24Page - Texas Instruments TAS3001CPWR Datasheet HTML 25Page - Texas Instruments TAS3001CPWR Datasheet HTML 26Page - Texas Instruments TAS3001CPWR Datasheet HTML 27Page - Texas Instruments TAS3001CPWR Datasheet HTML 28Page - Texas Instruments TAS3001CPWR Datasheet HTML 29Page - Texas Instruments TAS3001CPWR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
4−2
The volume is adjustable by downloading a 4.20 gain coefficient through the I2C interface to register (04h). Table A−4
in the Appendix lists the 4.20 coefficient values for 0.5-dB volume steps for the range of –70 dB to 18 dB. However,
positive 4.20 values other than those listed in Table A−4 are allowed.
Right and left channel volumes can be unganged and set to different values to implement balance control.
4.3.2
Software Soft Mute
Mute is implemented by loading all zeros in the volume control register. This causes the volume to ramp down
automatically over a maximum of 2048 samples to a final output of zero (–
∞ dB).
4.4
Tone Controls
4.4.1
Treble Control
The treble gain level may be adjusted within the range of 18 dB to –18 dB with 0.5 dB step resolution. The level
changes are accomplished by downloading the one byte treble control codes into the treble control register (05h).
The bass control codes are shown in Table A−5.
4.4.2
Bass Control
The bass gain level may be adjusted within the range of 18 dB to –18 dB with 0.5 dB step resolution. The level changes
are accomplished by downloading the one byte bass control codes into the bass control register (06h). The treble
control codes are shown in Table A−6.
4.4.3
Frequency Dependence of Treble and Bass Controls
The bass and treble controls are based upon fixed filter coefficients. The coefficients define a response that is a based
upon the data sample rate. As a result, if the sample rate is increased or decreased by a factor, the filter frequency
response will increase or decrease in frequency by an equal factor. Table 4−1 and Table 4−2 show the relationship
between the sample frequency and corner frequency for the bass and treble controls.
Table 4−1. Bass Control Corner Frequencies
Sampling Rate
32,000
44,100
48,000
96,000
Corner Frequency
72.6
100.0
108.8
217.7
Table 4−2. Treble Control Corner Frequencies
Sampling Rate
32,000
44,100
48,000
96,000
Corner Frequency
7,256
10,000
10,884
21,769



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com