Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 14 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 10Page - Texas Instruments TAS3001CPWR Datasheet HTML 11Page - Texas Instruments TAS3001CPWR Datasheet HTML 12Page - Texas Instruments TAS3001CPWR Datasheet HTML 13Page - Texas Instruments TAS3001CPWR Datasheet HTML 14Page - Texas Instruments TAS3001CPWR Datasheet HTML 15Page - Texas Instruments TAS3001CPWR Datasheet HTML 16Page - Texas Instruments TAS3001CPWR Datasheet HTML 17Page - Texas Instruments TAS3001CPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
1−8
1.12 Pin Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVDD_PLL
13
I
Analog power supply for the PLL
AVSS_PLL
12
I
Analog ground for the PLL
CAP_PLL
14
I
C1 = 1500 pF // R1 = 27
Ω + C2 = 0.068 µF (recommended)
CS1
28
I
I2C address bit A0; low = 0, high = 1
CS2
1
I
I2C address bit A1; low = 0, high = 1
DVDD
3
I
Digital power supply
DVSS
2
I
Digital ground
LRCLK
10
I
I2S left/right clock sampling frequency (fs)
LRCLKOUT
23
O
LRCLK generated from input MCLK (usually 256 fs) − normally routed on PCB to pin 10
(LRCLK) as input fs sample clock.
MCLK
9
I
Master clock (256 x fs)
NC
17, 18, 20−22,
25, 26
Reserved − No connection for normal operation
POWERDOWN
16
I
Powerdown input
RESET
19
I
Reset, high = normal operation, low = reinitialize the device
RESERVED
15, 27
Reserved − digital ground for normal operation
SCL
5
I/O
Slave serial I2C clock
SCLK
11
I
Shift clock (bit clock)
SCLKOUT
24
O
SCLK generated from input MCLK (usually 256 fs) − normally routed on PCB to pin 11 (SCLK)
as input 64 fs bit clock.
SDA
4
I/O
Slave serial I2C data
SDIN1
6
I
Serial audio data input one
SDIN2
7
I
Serial audio data input two
SDOUT
8
O
Serial audio data output
NOTE: Reset and other control functions require MCLK to be running. The system reset operation is a synchronous operation and requires a
minimum of four MCLK cycles to reset the device.
1.13 Ordering Information
TA
PACKAGE
TA
SMALL OUTLINE (PW)
0
°C to 70°C
TAS3001CPW
1.14 Power Supply
•
Digital supply voltage—DVDD, DVSS of 3.3 V
•
Analog supply voltage—AVDD−PLL, AVSS−PLL of 3.3 V
NOTE: AVDD and AVSS for the PLL are derived from the digital supply and digital ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com