Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 5Page - Texas Instruments TAS3001CPWR Datasheet HTML 6Page - Texas Instruments TAS3001CPWR Datasheet HTML 7Page - Texas Instruments TAS3001CPWR Datasheet HTML 8Page - Texas Instruments TAS3001CPWR Datasheet HTML 9Page - Texas Instruments TAS3001CPWR Datasheet HTML 10Page - Texas Instruments TAS3001CPWR Datasheet HTML 11Page - Texas Instruments TAS3001CPWR Datasheet HTML 12Page - Texas Instruments TAS3001CPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
1−3
1.5
Functional Block Diagram
Serial
Audio
Input
Port
SDIN1
SDOUT
LRCLKOUT
SCLKOUT
Internal Clocks
SDIN2
LRCLK
SCLK
6
7
10
11
Clock
Generator
MCLK
9
PLL
Σ
23
24
6 Biquad
Filters
Treble/
Bass
Volume
8
System
Control
I2C
Slave
SDA
SCL
4
5
Address
Select
28
1
CS1
CS2
2-Channel
Stereo Mixer
Figure 1−1. TAS3001 Signal Flow
Figure 1−1 shows the signal flow from the inputs (SDIN1 and SDIN2) though each processing stage to the output
(SDOUT) where it is passed to an external DAC, digital amplifier, or other subsequent digital data processing stage.
Each of these audio processing functions is discussed in more detail in the following sections.
1.6
Mixing/Input Scaling
The TAS3001 is equipped with a dual-input stereo digital mixer. This mixer permits each input to scaled (−
∞ to +18 dB)
independently. A stereo sum of the scaled results is produced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com