Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 51 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 51 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 47Page - Texas Instruments TAS3001CPWR Datasheet HTML 48Page - Texas Instruments TAS3001CPWR Datasheet HTML 49Page - Texas Instruments TAS3001CPWR Datasheet HTML 50Page - Texas Instruments TAS3001CPWR Datasheet HTML 51Page - Texas Instruments TAS3001CPWR Datasheet HTML 52Page - Texas Instruments TAS3001CPWR Datasheet HTML 53Page - Texas Instruments TAS3001CPWR Datasheet HTML 54Page - Texas Instruments TAS3001CPWR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
A−5
Table A−7. Mixer1 and Mixer2 Gain Values
[The gain error is less than 0.12 dB (excluding mute)]
Gain
(dB)
Gain
S(23−16),
S(15−8),
S(7−0)
Gain
(dB)
Gain
S(23−16),
S(15−8),
S(7−0)
Gain
(dB)
Gain
S(23−16),
S(15−8),
S(7−0)
Gain
(dB)
Gain
S(23−16),
S(15−8),
S(7−0)
Gain
(dB)
Gain
S(23−16),
S(15−8),
S(7−0)
18.0
7F, 17, AF
0.0
10, 00, 00
−18.0
02, 03, A7
−36.0
00, 40, EA
−54.0
00, 08, 2C
17.5
77, FB, AA
−0.5
0F, 1A, DF
−18.5
01, E6, CF
−36.5
00, 3D, 49
−54.5
00, 07, B7
17.0
71, 45, 75
−1.0
0E, 42, 90
−19.0
01, CB, 94
−37.0
00, 39, DB
−55.0
00, 07, 48
16.5
6A, EF, 5D
−1.5
0D, 76, 5A
−19.5
01, B1, DE
−37.5
00, 36, 9E
−55.5
00, 06, E0
16.0
64, F4, 03
−2.0
0C, B5, 91
−20.0
01, 99, 99
−38.0
00, 33, 90
−56.0
00, 06, 7D
15.5
5F, 4E, 52
−2.5
0B, FF, 91
−20.5
01, 82, AF
−38.5
00, 30, AE
−56.5
00, 06, 20
15.0
59, F9, 80
−3.0
0B, 53, BE
−21.0
01, 6D, 0E
−39.0
00, 2D, F5
−57.0
00, 05, C9
14.5
54, F1, 06
−3.5
0A, B1, 89
−21.5
01, 58, A2
−39.5
00, 2B, 63
−57.5
00, 05, 76
14.0
50, 30, A1
−4.0
0A, 18, 66
−22.0
01, 45, 5B
−40.0
00, 28, F5
−58.0
00, 05, 28
13.5
4B, B4, 46
−4.5
09, 87, D5
−22.5
01, 33, 28
−40.5
00, 26, AB
−58.5
00, 04, DE
13.0
47, 78, 28
−5.0
08, FF, 59
−23.0
01, 21, F9
−41.0
00, 24, 81
−59.0
00, 04, 98
12.5
43, 78, B0
−5.5
08, 7E, 80
−23.5
01, 11, C0
−41.5
00, 22, 76
−59.5
00, 04, 56
12.0
3F, B2, 78
−6.0
08, 04, DC
−24.0
01, 02, 70
−42.0
00, 20, 89
−60.0
00, 04, 18
11.5
3C, 22, 4C
−6.5
07, 92, 07
−24.5
00, F3, FB
−42.5
00, 1E, B7
−60.5
00, 03, DD
11.0
38, C5, 28
−7.0
07, 25, 9D
−25.0
00, E6, 55
−43.0
00, 1C, FF
−61.0
00, 03, A6
10.5
35, 98, 2F
−7.5
06, BF, 44
−25.5
00, D9, 73
−43.5
00, 1B, 60
−61.5
00, 03, 72
10.0
32, 98, B0
−8.0
06, 5E, A5
−26.0
00, CD, 49
−44.0
00, 19, D8
−62.0
00, 03, 40
9.5
2F, C4, 20
−8.5
06, 03, 6E
−26.5
00, C1, CD
−44.5
00, 18, 65
−62.5
00, 03, 12
9.0
2D, 18, 18
−9.0
05, AD, 50
−27.0
00, B6, F6
−45.0
00, 17, 08
−63.0
00, 02, E6
8.5
2A, 92, 54
−9.5
05, 5C, 04
−27.5
00, AC, BA
−45.5
00, 15, BE
−63.5
00, 02, BC
8.0
28, 30, AF
−10.0
05, 0F, 44
−28.0
00, A3, 10
−46.0
00, 14, 87
−64.0
00, 02, 95
7.5
25, F1, 25
−10.5
04, C6, D0
−28.5
00, 99, F1
−46.5
00, 13, 61
−64.5
00, 02, 70
7.0
23, D1, CD
−11.0
04, 82, 68
−29.0
00, 91, 54
−47.0
00, 12, 4B
−65.0
00, 02, 4D
6.5
21, D0, D9
−11.5
04, 41, D5
−29.5
00, 89, 33
−47.5
00, 11, 45
−65.5
00, 02, 2C
6.0
1F, EC, 98
−12.0
04, 04, DE
−30.0
00, 81, 86
−48.0
00, 10, 4E
−66.0
00, 02, 0D
5.5
1E, 23, 6D
−12.5
03, CB, 50
−30.5
00, 7A, 48
−48.5
00, 0F, 64
−66.5
00, 01, F0
5.0
1C, 73, D5
−13.0
03, 94, FA
−31.0
00, 73, 70
−49.0
00, 0E, 88
−67.0
00, 01, D4
4.5
1A, DC, 61
−13.5
03, 61, AF
−31.5
00, 6C, FB
−49.5
00, 0D, B8
−67.5
00, 01, BA
4.0
19, 5B, B8
−14.0
03, 31, 42
−32.0
00, 66, E3
−50.0
00, 0C, F3
−68.0
00, 01, A1
3.5
17, F0, 94
−14.5
03, 03, 8A
−32.5
00, 61, 21
−50.5
00, 0C, 3A
−68.5
00, 01, 8A
3.0
16, 99, C0
−15.0
02, D8, 62
−33.0
00, 5B, B2
−51.0
00, 0B, 8B
−69.0
00, 01, 74
2.5
15, 56, 1A
−15.5
02, AF, A3
−33.5
00, 56, 91
−51.5
00, 0A, E5
−69.5
00, 01, 5F
2.0
14, 24, 8E
−16.0
02, 89, 2C
−34.0
00, 51, B9
−52.0
00, 0A, 49
−70.0
00, 01, 4B
1.5
13, 04, 1A
−16.5
02, 64, DB
−34.5
00, 4D, 27
−52.5
00, 09, B6
Mute
00, 00, 00
1.0
11, F3, C9
−17.0
02, 42, 93
−35.0
00, 48, D6
−53.0
00, 09, 2B
0.5
10, F2, B4
−17.5
02, 22, 35
−35.5
00, 44, C3
−53.5
00, 08, A8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com