Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 15 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 11Page - Texas Instruments TAS3001CPWR Datasheet HTML 12Page - Texas Instruments TAS3001CPWR Datasheet HTML 13Page - Texas Instruments TAS3001CPWR Datasheet HTML 14Page - Texas Instruments TAS3001CPWR Datasheet HTML 15Page - Texas Instruments TAS3001CPWR Datasheet HTML 16Page - Texas Instruments TAS3001CPWR Datasheet HTML 17Page - Texas Instruments TAS3001CPWR Datasheet HTML 18Page - Texas Instruments TAS3001CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
2−1
2 Audio Data Formats
2.1
Serial Audio Interface
The TAS3001 operates in digital audio slave mode only. The TAS3001 supports three serial audio data formats: I2S,
left-justified, and right-justified. Data word lengths of 16, 18, and 20 bits are supported.
Data is input into SDIN1 and SDIN2 under the influence of the master clock (MCLK), left/right clock (LRCLK), and
shift clock (SCLK) inputs.
Data is output on the SDOUT pin under the influence of the master clock (MCLK) input plus the left/right clock
(LRCLKOUT) and shift clock (SCLKOUT) outputs. LRCLKOUT and SCLKOUT are generated from the MCLK input
(usually at 256
× fs). Typically these are routed on the PCB to LRCLK (as the input fs sample clock) and SCLK (as
the input 64
× fs bit clock).
The TAS3001 device is compatible with 10 different serial interfaces. Available interface options are I2S,
right-justified, and left-justified. Table 2−1 and Table 2−2 indicate how the 10 options are selected using the I2C bus
and the main control register (MCR, I2C address 01h). All serial interface options at either 16, 18, or 20 bits operate
with SCLK at 64
× fs. The 16-bit mode, left-justified, can operate at 32 × fs or 64 × fs.
Table 2−1. Serial Interface Input Options
MODE
MCR BIT 6
SC
MCR BITS 3−2
F(1,0)
MCR BITS 1−0
W(1,0)
SERIAL INTERFACE
SDIN1, SDIN2
0
0
00
00
16-bit, left-justified, 32
× fs
1
1
00
00
16-bit, left-justified, 64
× fs
2
1
01
00
16-bit, right-justified, 64
× fs
3
1
10
00
16-bit, I2S, 64
× fs
4
1
00
01
18-bit, left-justified, 64
× fs
5
1
01
01
18-bit, right-justified, 64
× fs
6
1
10
01
18-bit, I2S, 64
× fs
7
1
00
10
20-bit, left-justified, 64
× fs
8
1
01
10
20-bit, right-justified, 64
× fs
9
1
10
10
20-bit, I2S, 64
× fs
Table 2−2. Serial Interface Output Options
MODE
MCR BIT 6
SC
MCR BITS 5−4
E(1,0)
MCR BITS 1−0
W(1,0)
SERIAL INTERFACE
SDOUT
0
0
00
00
16-bit, left-justified, 32
× fs
1
1
00
00
16-bit, left-justified, 64
× fs
2
1
01
00
16-bit, right-justified, 64
× fs
3
1
10
00
16-bit, I2S, 64
× fs
4
1
00
01
18-bit, left-justified, 64
× fs
5
1
01
01
18-bit, right-justified, 64
× fs
6
1
10
01
18-bit, I2S, 64
× fs
7
1
00
10
20-bit, left-justified, 64
× fs
8
1
01
10
20-bit, right-justified, 64
× fs
9
1
10
10
20-bit, I2S, 64
× fs
Figure 2−1 through Figure 2−4 illustrate the relationship between the SCLK, LRCLK, and the serial data input and
output protocol options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com