Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 12Page - Texas Instruments TAS3001CPWR Datasheet HTML 13Page - Texas Instruments TAS3001CPWR Datasheet HTML 14Page - Texas Instruments TAS3001CPWR Datasheet HTML 15Page - Texas Instruments TAS3001CPWR Datasheet HTML 16Page - Texas Instruments TAS3001CPWR Datasheet HTML 17Page - Texas Instruments TAS3001CPWR Datasheet HTML 18Page - Texas Instruments TAS3001CPWR Datasheet HTML 19Page - Texas Instruments TAS3001CPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
2−2
2.1.1
I2S Serial Format
The following are characteristics of this protocol:
•
LRCLK is the left/right clock. The left channel is transmitted when LRCLK is low. The right channel is
transmitted when LRCLK is high.
•
SDIN is sampled with the rising edge of SCLK.
•
SDOUT is transmitted on the falling edge of SCLK.
•
LRCK must have a 50% duty cycle.
MSB
SDIN
SCLK
MSB
X
LSB
LSB
MSB
X
MSB
X
LSB
LSB
Left Channel
Right Channel
SDOUT
LRCLK = fs
X
Figure 2−1. I2S-Compatible Serial Format
2.1.1.1 I2S Signal Timing
PARAMETER
MIN
TYP
MAX
UNIT
tc(SCLK)
SCLK frequency
6.144
MHz
td(SLR)
SCLK rising to LRCLK edge
20
ns
td(SDOUT)
SDOUT valid from SCLK falling (see Note 1)
1/(256
× fs) +10
ns
tsu(SDIN)
SDIN setup before SCLK rising edge
20
ns
th(SDIN)
SDIN hold after SCLK rising edge
100
ns
LRCLK
32
44.1/48
96
kHz
Duty cycle
50%
NOTE 1: Maximum of 50-pF external load on SDOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com