Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 24 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 20Page - Texas Instruments TAS3001CPWR Datasheet HTML 21Page - Texas Instruments TAS3001CPWR Datasheet HTML 22Page - Texas Instruments TAS3001CPWR Datasheet HTML 23Page - Texas Instruments TAS3001CPWR Datasheet HTML 24Page - Texas Instruments TAS3001CPWR Datasheet HTML 25Page - Texas Instruments TAS3001CPWR Datasheet HTML 26Page - Texas Instruments TAS3001CPWR Datasheet HTML 27Page - Texas Instruments TAS3001CPWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
3−4
3.2.5
I2C Serial Port Timing
PARAMETER
MIN
MAX
UNIT
f(scl)
SCL clock frequency
0
100
kHz
tBUF
Bus free time between start and stop
4.7
µs
tw(low)
Pulse duration, SCL clock low (see Note 1)
4.7
µs
tw(high)
Pulse duration, SCL clock high (see Note 2)
4
µs
th(STA)
Hold time, repeated start
4
µs
tsu(STA)
Setup time, repeated start
4.7
20
µs
th(DAT)
Hold time, data
0†
µs
tsu(DAT)
Setup time, data
250
ns
tr
Rise time for SDA and SCL
1000
ns
tf
Fall time for SDA and SCL
300
ns
tsu(STO)
Setup time for stop condition
4
µs
† A device must internally provide a hold time of at least 300 ns for the SDA signal to bridge the undefined region of the falling edge of SCL.
NOTES:
1. tw(low) is measured from the end of tf to the beginning of tr.
2. tw(high) is measured from the end of tr to the beginning of tf.
PS
P
Valid
Data Line
Stable
Change of Data
Allowed
SDA
SCL
tBUF
th(STA)
tr
th(DAT)
tsu(DAT)
tf
tsu(STA)
th(STA)
tsu(STO)
Figure 3−4. I2C Serial Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com