Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 18Page - Texas Instruments TAS3001CPWR Datasheet HTML 19Page - Texas Instruments TAS3001CPWR Datasheet HTML 20Page - Texas Instruments TAS3001CPWR Datasheet HTML 21Page - Texas Instruments TAS3001CPWR Datasheet HTML 22Page - Texas Instruments TAS3001CPWR Datasheet HTML 23Page - Texas Instruments TAS3001CPWR Datasheet HTML 24Page - Texas Instruments TAS3001CPWR Datasheet HTML 25Page - Texas Instruments TAS3001CPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
3−2
3.2
Operation
To permit multiple devices to be controlled via the I2C bus, each slave device has an address. The TAS3001 has been
assigned four unique addresses to permit multiple TAS3001s to be used in a system. The addresses are selected
using the CS1 and CS2 pins. These four addresses, listed in Table 3−2, are licensed I2C addresses and do not conflict
with other licensed I2C audio devices. To communicate with the TAS3001, the I2C master must use the address
01101XX. In addition to the 7-bit device address, subaddresses are used to direct communication to the proper
memory location within the device. A complete table of subaddresses and control registers is provided in Appendix A,
Software Interface.
Table 3−2. TAS3001 I2C Address
I2C ADDRESS BYTE
A6−A2
CS2(A1)
CS1(A0)
R/W
68h
01101
0
0
0
6Ah
01101
0
1
0
6Ch
01101
1
0
0
6Eh
01101
1
1
0
3.2.1
Write Cycle Example
An example write cycle is demonstrated in Figure 3−2 and Table 3−3.
Start
Slave Address
R/W
A
Subaddress
A
Data Byte 1
A
Data Byte 1
A
Data Byte 2
A
Data Byte N
A
Stop
Figure 3−2. Write Cycle Example
Table 3−3. Write Cycle Example
FUNCTION
DESCRIPTION
Start
Start condition as defined in I2C
Slave address
0110100 (CS1 = CS2 = 0)
R/W
0 (write)
A
Acknowledgement as defined in I2C (slave)
Subaddress
00000110 (see Appendix A, Software Interface)
Data
00011100 (see Appendix A, Software Interface)
Stop
Stop condition as defined in I2C
Whenever writing to a subaddress, the correct number of data bytes must follow in order to complete the write cycle.
For example, if the volume control register with subaddress 04h is written to, six bytes of data must follow; otherwise,
the cycle will be incomplete and errors will occur.
3.2.2
I2C Timing and Wait Cycles
The TAS3001 issues I2C wait cycles to regulate the flow of command information. The TAS3001 can issue wait cycles
for each instruction. For any instruction, the TAS3001 can issue up to a one sample (23
µs) wait between data bytes
and between the last data byte and the I2C stop. This wait is generated after the acknowledgement. The duration of
this wait cycle is slightly longer than a sample interval, on the order of 1.1 x 1
÷ Fs ( or 25 µs at 44.1 kHz). This wait
cycle is illustrated in Figure 3−3.
Start
Slave Address
R/W
A
Subaddress
A
Data Byte 1
A
Wait
Data Byte 1
A
Wait
Data Byte 2
A
Wait
Data Byte N
A
Wait
Stop
Figure 3−3. Wait Cycle Example
The TAS3001 can also issue an I2C wait state after receiving an entire volume or tone command. The TAS3001
produces these wait cycles while it executes the interpolation algorithms from the present setting to the new setting.
The volume command always takes the same amount of time to process for a given sample rate. The treble and bass
commands vary depending upon the current index and the destination index. E.g., moving from −18 dB to 18 dB or
vice versa produces the longest wait.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com