Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 12 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 8Page - Texas Instruments TAS3001CPWR Datasheet HTML 9Page - Texas Instruments TAS3001CPWR Datasheet HTML 10Page - Texas Instruments TAS3001CPWR Datasheet HTML 11Page - Texas Instruments TAS3001CPWR Datasheet HTML 12Page - Texas Instruments TAS3001CPWR Datasheet HTML 13Page - Texas Instruments TAS3001CPWR Datasheet HTML 14Page - Texas Instruments TAS3001CPWR Datasheet HTML 15Page - Texas Instruments TAS3001CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
1−6
1.8
Bass and Treble Controls
The TAS3001 has bass and treble controls that can be adjusted dynamically. These controls can be adjusted
throughout their entire range of 18 dB to –18 dB without experiencing any pops, clicks, or other audible artifacts. This
permits the user to have a listening experience much like what is experienced when adjusting high-quality analog
controls.
Figure 1−7 shows the response for the bass and treble filters plotted at 3-dB intervals for 44.1-kHz sample-rate data.
−20
−15
−10
−5
0
5
10
15
20
f − Frequency − Hz
ATTENUATION
vs
FREQUENCY
100
1k
10k
Figure 1−7. Bass and Treble Filters
1.9
Soft Volume and True Soft Mute
The TAS3001 contains a Texas Instruments proprietary soft volume update. This allows a smooth and
pleasant-sounding change from one volume level to another over the entire range of volume (18 dB to mute). The
volume is adjustable by downloading a 4.20 gain coefficient through the I2C interface.
Mute is implemented by loading all zeros in the volume control register. This causes the volume to ramp down over
2048 samples to a final output of zero (−
∞ dB).
1.10 Reliability and Flexibility of Digital Filtering
Digital filtering provides outstanding consistency, reliability, and flexibility. Once a digital filter is designed and tested
in the system, it continues to perform in the same manner without change. Because digital filters are computed, their
performance is exceedingly consistent and does not change due to variations in component matching, tolerances,
environmental conditions, aging, or the effects of moisture and dust. Analog filters, however, are affected by all of
these. The performance of analog filters can be improved, in part, by using high-quality precision components but
this comes with a higher comparable cost.
One of the greatest strengths of a digital filter is its flexibility. Each filter is completely specified by five 24-bit
coefficients. By modifying the value of one or more of the filter coefficients, both the filter value and filter type are
changed. In a system, these modifications produce different crossover curves, different equalization curves, different
sound effects (by changing the relative phase of the left and right loudspeakers) or different user graphical
equalization settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com