Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 3Page - Texas Instruments TAS3001CPWR Datasheet HTML 4Page - Texas Instruments TAS3001CPWR Datasheet HTML 5Page - Texas Instruments TAS3001CPWR Datasheet HTML 6Page - Texas Instruments TAS3001CPWR Datasheet HTML 7Page - Texas Instruments TAS3001CPWR Datasheet HTML 8Page - Texas Instruments TAS3001CPWR Datasheet HTML 9Page - Texas Instruments TAS3001CPWR Datasheet HTML 10Page - Texas Instruments TAS3001CPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
1−1
1 Introduction
1.1
Description
The TAS3001 is a high-quality, fixed-function, 32-bit digital audio processor. This device contains a number of built-in
processing functions including mixing/scaling of two digital inputs, bass and treble controls, six cascaded stereo
high-precision, limit-cycle-free, second-order IIR filters, soft volume, and soft mute.
These functions can be controlled by specifying the desired operating parameters using the I2C interface.
The TAS3001 architecture preserves high-quality audio by using a 32-bit data path, 24
× 32-bit multiplies, and up to
56 bits of precision for some internal calculations. By using 24-bit filter coefficients, the TAS3001 can implement
practically any second-order IIR filter with outstanding fidelity.
1.2
Overview
The TAS3001 is a 32-bit audio signal processor that provides mixing of two digital inputs and digital parametric
equalization. In addition, this device provides high-quality, soft digital volume, bass, and treble controls. All control
parameters are uploaded through the I2C port from an outside MCU.
The TAS3001 has four audio processing blocks as shown in Figure 1−1.
•
Two digital stereo audio inputs that can be scaled and mixed prior to processing.
•
Parametric EQ that consists of six cascaded independent second-order IIR filters for each of the left and
right independent channels. Each filter has five 24-bit coefficients that can be configured into many different
filter functions, such as band-pass, high-pass, low-pass, shelves, notch, all-pass, high-/low-pass with shelf,
etc.
•
Digital bass and treble controls
•
Digital soft volume and mute
The TAS3001 device uses a system clock that is generated by the internal phase-locked loop (PLL). An external
master clock (MCLK) of 256 times the sampling frequency provides the reference clock for the PLL.
The TAS3001 device supports several serial data formats (I2S, left justified, right justified) with data word lengths of
16, 18, or 20. The sampling frequencies (fs) that are supported include 32 kHz, 44.1 kHz, 48 kHz and 96 kHz.
1.3
Features
1.3.1
Stereo Digital Audio Processing
•
Supports nine serial data formats. Receive and transmit serial data formats may be different.
•
Programmable two-input digital mixer
•
Programmable six-band digital parametric EQ
•
Programmable digital bass and treble controls
•
Programmable digital volume control with soft mute
•
108-dB dynamic range
•
Sample rates from 32 kHz to 96 kHz
1.3.2
Interfaces
•
Two serial digital input channels
•
Single serial digital output channel
•
Serial I2C control channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com