Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001CPWR Datasheet(PDF) 33 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 29Page - Texas Instruments TAS3001CPWR Datasheet HTML 30Page - Texas Instruments TAS3001CPWR Datasheet HTML 31Page - Texas Instruments TAS3001CPWR Datasheet HTML 32Page - Texas Instruments TAS3001CPWR Datasheet HTML 33Page - Texas Instruments TAS3001CPWR Datasheet HTML 34Page - Texas Instruments TAS3001CPWR Datasheet HTML 35Page - Texas Instruments TAS3001CPWR Datasheet HTML 36Page - Texas Instruments TAS3001CPWR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
8−1
8 Using the TAS3001 in a System
8.1
TAS3001 Applications
The TAS3001 can be used to perform a number of audio processing functions.
The TAS3001 can be used to perform parametric equalization to correct the frequency response of a pair of
loudspeakers and microphones as shown in Figure 8−1. In this case, the TAS3001 is used to shape the frequency
response of the transducers by applying filters to compensate for the response irregularities of each transducer
(peaks and valleys of the microphone and loudspeaker response).
Conventional
Amplifier
TAS3001
TLC320AD77
DAC Section
TLC320AD77
ADC Section
TAS3001
Preamplifier
TUSB3200
or TAS1020
Streaming
USB Controller
USB Interface
Figure 8−1. TAS3001 as a System Equalizer
The filters can be developed and evaluated using a personal computer, the TAS3001 EVM, a speaker analysis
package, and the automatic loudspeaker equalization program. The next section demonstrates the use of the Texas
Instruments automatic loudspeaker equalization program that automates many of the steps in developing filters for
loudspeaker equalization.
A second application of the TAS3001 is to perform both the crossover and frequency equalization of individual
loudspeaker drivers in a two- or multi-way loudspeaker design as in Figure 8−2. In this case, the TAS3001 provides
two functions: the crossover band-pass and band-limiting functions for each speaker and the compensation for the
response irregularities of each loudspeaker driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com