Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 41 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 37Page - Analog Devices ADE9000 Datasheet HTML 38Page - Analog Devices ADE9000 Datasheet HTML 39Page - Analog Devices ADE9000 Datasheet HTML 40Page - Analog Devices ADE9000 Datasheet HTML 41Page - Analog Devices ADE9000 Datasheet HTML 42Page - Analog Devices ADE9000 Datasheet HTML 43Page - Analog Devices ADE9000 Datasheet HTML 44Page - Analog Devices ADE9000 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 40 of 72
Address
Name
Description
Reset
Access
0x030
BVAROS
Phase B total reactive power offset correction for the BVAR calculation.
0x00000000
R/W
0x031
BFWATTOS
Phase B fundamental active power offset correction for the BFWATT calculation.
0x00000000
R/W
0x032
BFVAROS
Phase B fundamental reactive power offset correction for the BFVAR calculation.
0x00000000
R/W
0x033
BIFRMSOS
Phase B current rms offset for the fundamental current rms BIFRMS calculation.
0x00000000
R/W
0x034
BVFRMSOS
Phase B voltage rms offset for the fundamental voltage rms BVFRMS calculation.
0x00000000
R/W
0x035
BVRMSONEOS
Phase B voltage rms offset for the fast rms½ BVRMSONE calculation.
0x00000000
R/W
0x036
BIRMSONEOS
Phase B current rms offset for the fast rms½ BIRMSONE calculation.
0x00000000
R/W
0x037
BVRMS1012OS
Phase B voltage rms offset for the 10 cycle rms/12 cycle rms BVRMS1012 calculation.
0x00000000
R/W
0x038
BIRMS1012OS
Phase B current rms offset for the 10 cycle rms/12 cycle rms BVRMS1012 calculation.
0x00000000
R/W
0x040
CIGAIN
Phase C current gain adjust.
0x00000000
R/W
0x041
CIGAIN0
Phase C multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
CIGAIN0 through CIGAIN5, is applied based on the CIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x042
CIGAIN1
Phase C multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
CIGAIN0 through CIGAIN5, is applied based on the CIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x043
CIGAIN2
Phase C multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
CIGAIN0 through CIGAIN5, is applied based on the CIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x044
CIGAIN3
Phase C Multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
CIGAIN0 through CIGAIN5, is applied based on the CIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x045
CIGAIN4
Phase C Multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
CIGAIN0 through CIGAIN5, is applied based on the CIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x046
CPHCAL0
Phase C multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the CPHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
CPHCAL0 through CPHCAL4 value is applied, based on the CIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x047
CPHCAL1
Phase C multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the CPHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
CPHCAL0 through CPHCAL4 value is applied, based on the CIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x048
CPHCAL2
Phase C multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the CPHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
CPHCAL0 through CPHCAL4 value is applied, based on the CIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x049
CPHCAL3
Phase C multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the CPHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
CPHCAL0 through CPHCAL4 value is applied, based on the CIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x04A
CPHCAL4
Phase C multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the CPHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
CPHCAL0 through CPHCAL4 value is applied, based on the CIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x04B
CVGAIN
Phase C voltage gain adjust.
0x00000000
R/W
0x04C
CIRMSOS
Phase C current rms offset for the CIRMS calculation.
0x00000000
R/W
0x04D
CVRMSOS
Phase C voltage rms offset for the CVRMS calculation.
0x00000000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com