Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 6 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 2Page - Analog Devices ADE9000 Datasheet HTML 3Page - Analog Devices ADE9000 Datasheet HTML 4Page - Analog Devices ADE9000 Datasheet HTML 5Page - Analog Devices ADE9000 Datasheet HTML 6Page - Analog Devices ADE9000 Datasheet HTML 7Page - Analog Devices ADE9000 Datasheet HTML 8Page - Analog Devices ADE9000 Datasheet HTML 9Page - Analog Devices ADE9000 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 5 of 72
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Fundamental Apparent Energy
0.1
%
Over a dynamic range of 5000 to 1,
2 sec accumulation
0.5
%
Over a dynamic range of 10,000 to 1,
10 sec accumulation
0.1
%
Over a dynamic range of 1000 to 1,
2 sec accumulation, PGA = 4, integrator on,
HPF corner = 4.98 Hz
0.5
%
Over a dynamic range of 5000 to 1,
10 sec accumulation, PGA = 4, integrator on,
HPF corner = 4.98 Hz
IRMS, VRMS
0.1
%
Over a dynamic range of 1000 to 1
0.5
%
Over a dynamic range of 5000 to 1
0.1
%
Over a dynamic range of 500 to 1, PGA = 4,
integrator on, HPF corner = 4.98 Hz
0.5
%
Over a dynamic range of 1000 to 1, PGA = 4,
integrator on, HPF corner = 4.98 Hz
Fundamental IRMS, VRMS
0.1
%
Over a dynamic range of 1000 to 1
0.5
%
Over a dynamic range of 5000 to 1
0.1
%
Over a dynamic range of 500 to 1, PGA = 4,
integrator on, HPF corner = 4.98 Hz
0.5
%
Over a dynamic range of 2000 to 1, PGA = 4,
integrator on, HPF corner = 4.98 Hz
Active Power, VAR, VA
0.2
%
Over a dynamic range of 1000 to 1
0.4
%
Over a dynamic range of, 3000 to 1
0.2
%
Over a dynamic range of 500 to 1, PGA = 4,
integrator on, HPF corner = 4.98 Hz
0.5
%
Over a dynamic range of 1000 to 1, PGA = 4,
integrator on, HPF corner = 4.98 Hz
Power Factor (PF) Error
±0.001
%
Over a dynamic range of 5000 to 1
128-Point per Line Cycle Resampled Data
0.1
%
An FFT is performed to receive the magnitude
response; this error is the worst case error in the
magnitude caused by resampling algorithm
distortion; input signal is 50 Hz fundamental and
ninth harmonic both at half of full scale (FS)
−72
dB
Amplitude of highest spur; input signal is
50 Hz fundamental and ninth harmonic
both at half of FS
1.25
%
An FFT is performed to receive the magnitude
response; this error is the worst case error in
the magnitude caused by resampling algorithm
distortion; input signal is 50 Hz fundamental
and 31st harmonic, both at half of FS
−38
dB
Amplitude of highest spur; input signal is
50 Hz fundamental and 31st harmonic, both at
half of FS
VRMS½, IRMS½ RMS Voltage
Refreshed Each Half-Cycle1
0.25
%
Data sourced before HPF, no dc offset at
inputs, over a dynamic range of 100 to 1
10 Cycle/12 Cycle IRMS, VRMS1
0.2
%
Data sourced before HPF, no dc offset at
inputs, over a dynamic range of 100 to 1
Line Period Measurement
0.001
Hz
Resolution at 50 Hz
Current to Current, Voltage to Voltage,
and Voltage to Current Angle
Measurement
0.018
Degrees
Resolution at 50 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com