Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 20 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 16Page - Analog Devices ADE9000 Datasheet HTML 17Page - Analog Devices ADE9000 Datasheet HTML 18Page - Analog Devices ADE9000 Datasheet HTML 19Page - Analog Devices ADE9000 Datasheet HTML 20Page - Analog Devices ADE9000 Datasheet HTML 21Page - Analog Devices ADE9000 Datasheet HTML 22Page - Analog Devices ADE9000 Datasheet HTML 23Page - Analog Devices ADE9000 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 19 of 72
ENERGY AND RMS LINEARITY WITH INTEGRATOR ON
The sinusoidal voltage has an amplitude of 50% of full scale and a frequency of 50 Hz, PGA_GAIN is a gain set to 4, the sinusoidal current has
variable amplitudes from 100% of full scale down to 0.01% or 0.1% of full scale and a frequency of 50 Hz, full scale at gain of 4 = (full scale at
gain of 1)/4, a high-pass corner frequency of 4.97 Hz, and TA = 25°C, unless otherwise noted.
0.5
0.3
0.1
–0.1
–0.3
–0.5
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 36. Total Active Energy Error, Gain = 4, Integrator On
0.5
0.3
0.1
–0.1
–0.3
–0.5
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 37. Total Reactive Energy Error, Gain = 4, Integrator On
0.5
0.3
0.1
–0.1
–0.3
–0.5
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 38. Total Apparent Energy Error, Gain = 4, Integrator On
0.5
0.3
0.1
–0.1
–0.3
–0.5
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 39. Total Current RMS Error, Gain = 4, Integrator On
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
1.0
0.5
0
–0.5
–1.0
Figure 40. ½ Cycle Current RMS Error, Gain = 4, Integrator On, Data
Sourced After High-Pass Filter, Register CONFIG0, Bit RMS_SRC_SEL = 0
1.0
0.5
0
–0.5
–1.0
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 41. ½ Cycle Current RMS Error, Gain = 4, Integrator On, Data Sourced
Before High-Pass Filter and Calibrated for Offset, Register CONFIG0,
Bit RMS_SRC_SEL = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com