Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 31 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 27Page - Analog Devices ADE9000 Datasheet HTML 28Page - Analog Devices ADE9000 Datasheet HTML 29Page - Analog Devices ADE9000 Datasheet HTML 30Page - Analog Devices ADE9000 Datasheet HTML 31Page - Analog Devices ADE9000 Datasheet HTML 32Page - Analog Devices ADE9000 Datasheet HTML 33Page - Analog Devices ADE9000 Datasheet HTML 34Page - Analog Devices ADE9000 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 30 of 72
Digital to Frequency Conversion—CFx Output
The ADE9000 includes four pulse outputs that are proportional to
the energy accumulation in the CF1 through CF4 output pins.
Figure 66 shows a block diagram of the CFx pulse generation. CF3
is multiplexed with ZX, and CF4 is multiplexed with EVENT
and DREADY.
Energy and Phase Select
ion
The CFxSEL bits in the CFMODE register select which type of
energy to output on the CFx pins. The TERMSELx bits in the
COMPMODE register select which phase energies to include in
the CFx output.
For example, with CF1SEL = 000 and TERMSEL1 = 111, CF1
indicates the total active power output of Phase A, Phase B, and
Phase C.
Configuring the CFx Pulse Width
The value of the CFx_LT and the CF_LTMR bits in the
CF_LCFG register determines the pulse width.
The maximum CFx with threshold (xTHR) = 0x00100000 and
CFxDEN = 2 is 78.9 kHz. It is recommended to have xTHR =
0x00100000.
CFx Pulse Sign
The SUMxSIGN bits in the PHSIGN register indicate whether
the sum of the energy that went into the last CFx pulse is positive
or negative. The REVPSUMx bits in the STATUS0 register and
the EVENT_STATUS register indicate if the CFx polarity
changed sign. This feature generates an interrupt on IRQ0.
Clearing the CFx Accumulator
To clear the accumulation in the digital to frequency converter
and CFDEN counter, write 1 to the CF_ACC_CLR bit in the
CONFIG1 register. The CF_ACC_CLR bit automatically clears
itself.
fDSP
xWATT
xVAR
xVA
xFVAR
xFVA
xWATT
xWATT
CFxSEL
100
011
000
001
010
101
110
xWATT
111
TERMSELx
PHASE A
TERMSELx
PHASE B
TERMSELx
+
+
+
CFxSEL
WTHR
CFx_LT
CF_LTMR
CFxDIS
4.096MHz
DIGITAL
TO
FREQUENCY
512
CFxDEN
CF_ACC_CLR
CFx PIN
PULSE
WIDTH
CONFIGURATION
ADE9000
CFx BITS
PHASE C
VARTHR
VATHR
WTHR
VARTHR
VATHR
WTHR
WTHR
100
011
000
001
010
101
110
111
÷
Figure 66. Digital to Frequency Conversion for CFx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com