Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 28 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 24Page - Analog Devices ADE9000 Datasheet HTML 25Page - Analog Devices ADE9000 Datasheet HTML 26Page - Analog Devices ADE9000 Datasheet HTML 27Page - Analog Devices ADE9000 Datasheet HTML 28Page - Analog Devices ADE9000 Datasheet HTML 29Page - Analog Devices ADE9000 Datasheet HTML 30Page - Analog Devices ADE9000 Datasheet HTML 31Page - Analog Devices ADE9000 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 27 of 72
IB Calculation Using ICONSEL
Write to the ICONSEL bit in the ACCMODE register to calculate
IB = −IA − IC. This setting can help save the cost of a current
transformer in some 3-wire delta configurations.
High-Pass Filter
A high-pass filter removes dc offsets for accurate rms and energy
measurements. It is enabled by default with a corner frequency
is 1.25 Hz.
To disable the high-pass filter on all current and voltage channels
set the HPFDIS bit in the CONFIG0 register. The corner frequency
is configured with the HPF_CRN bits in the CONFIG2 register.
Digital Integrator
A digital integrator is included to allow easy interfacing to di/dt
current sensors, also known as Rogowski coils. To configure
the digital integrator use the INTEN and ININTEN bits in the
CONFIG0 register. It is disabled by default. If the integrator is
enabled, set the DICOEFF value to 0xFFFFE000.
Phase Compensation
The ADE9000 provides a phase compensation register for
each current channel: APHCALx, BPHCALx, CPHCALx, and
NPHCAL.
The phase calibration range is −15° to +2.25° at 50 Hz and −15°
to +2.7° at 60 Hz.
Use the following equation to calculate the xPHCALx value for
a given phase correction (φ)° angle. Phase correction (φ)° is
positive to correct a current that lags the voltage, and negative
to correct a current that leads the voltage, as seen in a current
transformer.
(
)
(
)
27
2
2
sin
sin
sin
×
ϕ
ω
ω
+
ω
ϕ
=
xPHCALx
ω = 2π × fLINE/fDSP
where:
fLINE is the line frequency.
fDSP is 8 kHz.
Multipoint Phase and Gain Calibration
The ADE9000 allows multipoint gain and phase compensation
with hysteresis on the IA, IB, and IC current channels. The
current channel gain and phase compensation vary as a function
of the calculated input current rms amplitude in xIRMS. There
are five gain registers (xIGAIN0 to xIGAIN4) and five phase
calibration registers (xPHCAL0 to xPHCAL4) for each channel.
Set the MTEN bit in the CONFIG0 register to enable multipoint
gain and phase calibration. MTEN = 0 by default.
The gain and phase calibration factor is applied based on
the xIRMS current amplitude and the MTTHR_Lx and the
MTTHR_Hx register values, as shown in Figure 59.
IRMS
GAIN,
PHASE
CORRECTION
MTTHR_L1 ,
MTTHR_H0
MTTHR_H4 =
FULL SCALE
MTTHR_L0
= 0
REGION 0
REGION 1
REGION 2
REGION 3
REGION 4
MTTHR_L2,
MTTHR_H1
MTTHR_L3,
MTTHR_H2
MTTHR_L4,
MTTHR_H3
xIGAIN4
xPHCAL4
xIGAIN3
xPHCAL3
xIGAIN2
xPHCAL2
xIGAIN1
xPHCAL1
xIGAIN0
xPHCAL0
X
X
X
X
X
Figure 59. Multipoint Phase and Gain Calibration
Voltage Channel
The ADE9000 has three voltage channels. The datapaths for the
VA, VB, and VC voltage channels is shown in Figure 60. The
xVGAIN registers calibrate the voltage channel of each phase. The
xVGAIN registers have the same scaling as the xIGAIN registers.
RMS and Power Measurements
The ADE9000 calculates total and fundamental values of rms
current, rms voltage, active power, reactive power, and apparent
power. The fundamental algorithm requires initialization of the
network frequency using the SELFREQ bit in the ACCMODE
register and the nominal voltage in the VLEVEL register.
Calculate VLEVEL value according to the following equation:
VLEVEL = x × 1,444,084
where x is the dynamic range that the nominal input signal is at
with respect to full scale.
For instance, if the signal is at ½ of full scale, x = 2.
VLEVEL = 2 × 1,444,084
REFERENCE
Σ-Δ
MODULATOR
VP
VIN
VM
SINC4
LPF
4:1
xVGAIN
PHASE
COMP
WAVEFORM
BUFFER
WF_SRC
HPFDIS
ZX_SRC_SEL
VCONSEL1
VB = VA – VC
WF_CAP_SEL
xV_PCF
000
001
VB = –VA – VC
VB = – VA
VA = VA – VB;
VB = VA – VC;
VC = VC – VB;
100
011
010
ADC_
REDIRECT
MUX
RMS_SRC_SEL
FAST RMS½,
10 CYCLE RMS/
12 CYCLE RMS
RESAMPLING
1VCONSEL SUPPORTS SEVERAL 3-WIRE AND 4-WIRE HARDWARE CONFIGURATIONS.
ZERO-CROSSING
DETECTION
FUNDAMENTAL AND TOTAL
ACTIVE AND REACTIVE
POWER CALCULATIONS
VOLTAGE PEAK
DETECTION
FUNDAMENTAL AND TOTAL
RMS, VA, THD
CALCULATIONS
HPF
Figure 60. Voltage Channel Datapath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com