Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 72 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 65Page - Analog Devices ADE9000 Datasheet HTML 66Page - Analog Devices ADE9000 Datasheet HTML 67Page - Analog Devices ADE9000 Datasheet HTML 68Page - Analog Devices ADE9000 Datasheet HTML 69Page - Analog Devices ADE9000 Datasheet HTML 70Page - Analog Devices ADE9000 Datasheet HTML 71Page - Analog Devices ADE9000 Datasheet HTML 72Page - Analog Devices ADE9000 Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 71 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
[1:0]
TEMP_TIME
Select the number of temperature readings to
average.
0x0
R/W
0 1 sample. New temperature measurement every
1 ms.
1 256 samples. New temperature measurement
every 256 ms.
10 512 samples. New temperature measurement
every 512 ms.
11 1024 samples. New temperature measurement
every 1 sec.
0x4B7 TEMP_RSLT
[15:12] RESERVED
Reserved.
0x0
R
[11:0]
TEMP_RESULT
12-bit temperature sensor result.
0x0
R
0x4B9 PGA_GAIN
[15:14] RESERVED
Reserved.
0x0
R
[13:12] VC_GAIN
PGA gain for voltage Channel C ADC.
0x0
R/W
00 Gain = 1.
01 Gain = 2.
10 Gain = 4.
11 Gain = 4.
[11:10] VB_GAIN
PGA gain for Voltage Channel B ADC. See VC_GAIN. 0x0
R/W
[9:8]
VA_GAIN
PGA gain for Voltage Channel A ADC. See VC_GAIN. 0x0
R/W
[7:6]
IN_GAIN
PGA gain for neutral current channel ADC. See
VC_GAIN.
0x0
R/W
[5:4]
IC_GAIN
PGA gain for Current Channel C ADC. See VC_GAIN. 0x0
R/W
[3:2]
IB_GAIN
PGA gain for Voltage Channel B ADC. See VC_GAIN. 0x0
R/W
[1:0]
IA_GAIN
PGA gain for Current Channel A ADC. See VC_GAIN. 0x0
R/W
0x4BA CHNL_DIS
[15:7]
RESERVED
Reserved.
0x0
R
6
VC_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
5
VB_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
4
VA_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
3
IN_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
2
IC_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
1
IB_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
0
IA_DISADC
Set this bit to one to disable the ADC.
0x0
R/W
0x4E0 VAR_DIS
[15:1]
RESERVED
Reserved.
0x0
R
0
VARDIS
Set this bit to disable the total VAR calculation.
This bit must be set before writing the run bit for
proper operation.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com