Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 29 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 25Page - Analog Devices ADE9000 Datasheet HTML 26Page - Analog Devices ADE9000 Datasheet HTML 27Page - Analog Devices ADE9000 Datasheet HTML 28Page - Analog Devices ADE9000 Datasheet HTML 29Page - Analog Devices ADE9000 Datasheet HTML 30Page - Analog Devices ADE9000 Datasheet HTML 31Page - Analog Devices ADE9000 Datasheet HTML 32Page - Analog Devices ADE9000 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 28 of 72
Total and Fundamental RMS
The ADE9000 offers total and fundamental current and voltage
rms measurements on all phase channels. The datapath is
shown in Figure 61.
xV_PCF or xI_PCF
VOLTAGE OR CURRENT
CHANNEL WAVEFORM
LPF2
x2
√
215
xRMSOS
xRMS
52702092
0
+0.064%
–0.064%
Figure 61. Filter-Based Total RMS
The total rms calculations, one for each channel (AIRMS, BIRMS,
CIRMS, NIRMS, AVRMS, BVRMS, and CVRMS), are updated
every 8 kSPS. The fundamental rms calculations available in the
AIFRMS, BIFRMS, CIFRMS, AVFRMS, BVFRMS, and CVFRMS
registers are also updated every 8 kSPS. The fundamental rms is
not available for the neutral channel.
The xRMS and xFRMS value at full scale is 52,702,092 decimals.
The total and fundamental rms measurements can be calibrated
for gain and offset. Perform gain calibration on the respective
current and voltage channel datapath. The following equations
indicate how the offset calibration registers modify the result in
corresponding rms registers:
xRMOSOS
xRMS
xRMS
0
×
+
=
15
2
2
where xRMS0 is the initial xRMS register value before offset
calibration.
xFRMOSOS
xFRMS
xFRMS
0
×
+
=
15
2
2
The ADE9000 also calculates the rms of the sum of IA + IB +
IC ± IN and stores the result in ISUMRMS. The ISUM_CFG bits
in the CONFIG0 register configure the components included in
summation.
Total and Fundamental Active Power
The ADE9000 offers total and fundamental active power
measurements on all channels. To calculated the total active
power for Phase A, see Figure 62.
APGAIN
AWATTOS
AWATT
LPF2
DISAPLPF
AI_PCF
AV_PCF
ENERGY/
POWER/
CF ACCUMULATION
Figure 62. Total Active Power, AWATT, Calculation for Phase A
The active power calculations, one for each channel (AWATT,
BWATT, and CWATT), are updated every 8 kSPS. The
fundamental active power is also updated every 8 kSPS and is
available in the AFWATT, BFWATT, and CFWATT registers.
With full-scale inputs, the xWATT and xFWATT value is
20,694,066 decimals.
Enable the LPF2 (DISAPLPF = 0) for normal operation. Disable
LFP2 by setting DISAPLPF in the CONFIG0 register to obtain
instantaneous total active power. DISAPLPF is zero at reset.
The total and fundamental measurements can be calibrated for
gain and offset. The following equations indicate how the gain
and offset calibration registers modify the results in the
corresponding power registers:
xWATTOS
xWATT
xPGAIN
xWATT
0 +
 +
=
27
2
1
xFWATTOS
xFWATT
xPGAIN
xFWATT
0 +
 +
=
27
2
1
xPGAIN is a common gain to total and fundamental components
of active, reactive, and apparent powers.
Total and Fundamental Reactive Power
The ADE9000 offers total and fundamental reactive power
measurements on all channels. Figure 63 shows how to perform
the total reactive power calculation.
APGAIN
AVAROS
AVAR
LPF2
DISRPLPF
AI_PCF
AV_PCF
ENERGY/
POWER/
CF ACCUMULATION
90 DEGREE
PHASE SHIFT
π
2
Figure 63. Total Reactive Power, AVAR, Calculation
The reactive power calculations, one for each channel (AVAR,
BVAR, and CVAR) are updated every 8 kSPS. The fundamental
reactive power is also updated every 8 kSPS and is available in
the AFVAR, BFVAR, and CFVAR registers. With full-scale
inputs, the xVAR and xFVAR value is 20,694,066.
Enable the LPF2 (DISRPLPF = 0) for normal operation. Disable
LFP2 by setting DISRPLPF in the CONFIG0 register to obtain
instantaneous total reactive power. DISRPLPF is 0 at reset.
The following equations indicate how the gain and offset
calibration registers modify the result in the corresponding
power registers:
xVAROS
xVAR
xPGAIN
xVAR
0 +
 +
=
27
2
1
xFVAROS
xFVAR
xPGAIN
xFVAR
0 +
 +
=
27
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com