Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 69 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 65Page - Analog Devices ADE9000 Datasheet HTML 66Page - Analog Devices ADE9000 Datasheet HTML 67Page - Analog Devices ADE9000 Datasheet HTML 68Page - Analog Devices ADE9000 Datasheet HTML 69Page - Analog Devices ADE9000 Datasheet HTML 70Page - Analog Devices ADE9000 Datasheet HTML 71Page - Analog Devices ADE9000 Datasheet HTML 72Page - Analog Devices ADE9000 Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 68 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
5
WF_CAP_SEL
This bit selects whether the waveform buffer is
filled with resampled data or fixed data rate
data, selected in the WF_CAP_SEL bits.
0x0
R/W
0 Resampled data.
1 Fixed data rate data.
4
WF_CAP_EN
When this bit is set, a waveform capture is started.
0x0
R/W
0 The waveform capture is disabled. The waveform
buffer contents are maintained.
1 The waveform capture is started, according to
the type of capture in WF_CAP_SEL and the
WF_SRC bits when this bit goes from a 0 to a 1.
[3:0]
BURST_CHAN
Selects which data to read out of the waveform
buffer through SPI.
0x0
R/W
0000 All channels.
0001 IA and VA.
0010 IB and VB.
0011 IC and VC.
1000 IA.
1001 VA.
1010 IB.
1011 VB.
1100 IC.
1101 VC.
1110 IN if WF_IN_EN = 1 in the WFB_CFG register.
1111 Single address read (SPI burst read mode is
disabled).
0x4A2 WFB_TRG_CFG [15:11] RESERVED
Reserved.
0x0
R
10
TRIG_FORCE
Set this bit to trigger an event to stop the
waveform buffer filling.
0x0
R/W
9
ZXCOMB
Zero crossing on combined signal from VA, VB,
and VC.
0x0
R/W
8
ZXVC
Phase C voltage zero crossing.
0x0
R/W
7
ZXVB
Phase B voltage zero crossing.
0x0
R/W
6
ZXVA
Phase A voltage zero crossing.
0x0
R/W
5
ZXIC
Phase C current zero crossing.
0x0
R/W
4
ZXIB
Phase B current zero crossing.
0x0
R/W
3
ZXIA
Phase A current zero crossing.
0x0
R/W
2
OI
Over current event in any phase.
0x0
R/W
1
SWELL
Swell event in any phase.
0x0
R/W
0
DIP
Dip event in any phase.
0x0
R/W
0x4A3 WFB_TRG_STAT [15:12] WFB_LAST_PAGE
These bits indicate which page of the waveform
buffer was filled last, when filling with fixed rate
data samples.
0x0
R/W
11
RESERVED
Reserved.
0x0
R
[10:0]
WFB_TRIG_ADDR
These bits hold the address of the last sample
put into the waveform buffer after a trigger
event occurred, which is within a sample or two
of when the actual trigger event occurred.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com