Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 54 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 50Page - Analog Devices ADE9000 Datasheet HTML 51Page - Analog Devices ADE9000 Datasheet HTML 52Page - Analog Devices ADE9000 Datasheet HTML 53Page - Analog Devices ADE9000 Datasheet HTML 54Page - Analog Devices ADE9000 Datasheet HTML 55Page - Analog Devices ADE9000 Datasheet HTML 56Page - Analog Devices ADE9000 Datasheet HTML 57Page - Analog Devices ADE9000 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 53 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x401 VPEAK
[31:27] RESERVED
Reserved.
0x0
R
[26:24] VPPHASE
These bits indicate which phase(s) generate the
VPEAKVAL value. Note that the PEAKSEL,
Bits[4:2] in the CONFIG3 register determine which
voltage channels to monitor the peak value on.
When VPPHASE, Bit 0 is 1, the Phase A voltage
generated the VPEAKVAL, Bits[23:0] value.
Similarly, VPPHASE, Bit 1 indicates Phase B and
VPPHASE, Bit 2 indicates that the Phase C
voltage generated the peak value.
0x0
R
[23:0]
VPEAKVAL
The VPEAK register stores the absolute value of
the peak voltage. VPEAK is equal to xV_PCF/25.
0x0
R
0x402 STATUS0
[31:26] RESERVED
Reserved.
0x0
R
25
TEMP_RDY
This bit goes high to indicate when a new
temperature measurement is available.
0x0
R/W1
24
MISMTCH
This bit is set to indicate a change in the
relationship between ISUMRMS and ISUMLVL.
0x0
R/W1
23
COH_WFB_FULL
This bit is set when the waveform buffer is full
with resampled data, which is selected when
WF_CAP_SEL = 0 in the WFB_CFG register.
0x0
R/W1
22
WFB_TRIG
This bit is set when one of the events configured
in WFB_TRIG_CFG occurs.
0x0
R/W1
21
THD_PF_RDY
This bit goes high to indicate when the THD and
power factor measurements update, every 1.024
sec.
0x0
R/W1
20
RMS1012RDY
This bit is set when the 10 cycle rms/12 cycle rms
values update.
0x0
R/W1
19
RMSONERDY
This bit is set when the fast rms½ rms values
update.
0x0
R/W1
18
PWRRDY
This bit is set when the power values in the
xWATT_ACC, xVA_ACC, xVAR_ACC, xFWATT_ACC,
xFVA_ACC, and xFVAR_ACC registers update,
after PWR_TIME 8 kSPS samples.
0x0
R/W1
17
PAGE_FULL
This bit is set when a page enabled in the
WFB_PG_IRQEN register is filled with fixed data
rate samples, when WF_CAP_SEL bit in the
WFB_CFG register is equal to zero.
0x0
R/W1
16
WFB_TRIG_IRQ
This bit is set when the waveform buffer stops
filling after an event configured in WFB_TRIG_CFG
occurs. This happens with fixed data rate samples
only, when WF_CAP_SEL bit in the WFB_CFG
register is equal to zero.
0x0
R/W1
15
DREADY
This bit is set when new waveform samples are
ready. The update rate depends on the data
selected in the WF_SRC bits in the WFB_CFG
register.
0x0
R/W1
14
CF4
This bit is set when a CF4 pulse is issued, when
the CF4 pin goes from a high to low state.
0x0
R/W1
13
CF3
This bit is set when a CF3 pulse is issued, when
the CF3 pin goes from a high to low state.
0x0
R/W1
12
CF2
This bit is set when a CF2 pulse is issued, when
the CF2 pin goes from a high to low state.
0x0
R/W1
11
CF1
This bit is set when a CF1 pulse is issued, when
the CF1 pin goes from a high to low state.
0x0
R/W1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com