Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 64 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 60Page - Analog Devices ADE9000 Datasheet HTML 61Page - Analog Devices ADE9000 Datasheet HTML 62Page - Analog Devices ADE9000 Datasheet HTML 63Page - Analog Devices ADE9000 Datasheet HTML 64Page - Analog Devices ADE9000 Datasheet HTML 65Page - Analog Devices ADE9000 Datasheet HTML 66Page - Analog Devices ADE9000 Datasheet HTML 67Page - Analog Devices ADE9000 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 63 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x424 ADC_REDIRECT [31:21] RESERVED
Reserved.
0x0
R
[20:18] VC_DIN
VC channel data can be selected from all channels.
The bit descriptions for 000b through 110b match
VC_DIN. When the value is equal to 111b, then
0x7
R/W
000 IA ADC data.
001 IB ADC data.
010 IC ADC data.
011 IN ADC data.
100 VA ADC data.
101 VB ADC data.
110 VC ADC data.
111 VC ADC data.
[17:15] VB_DIN
VB channel data can be selected from all channels.
The bit descriptions for 000b through 110b match
VC_DIN. When the value is equal to 111b, then
0x7
R/W
111 VB ADC data.
[14:12] VA_DIN
VA channel data can be selected from all channels.
The bit descriptions for 000b through 110b match
VC_DIN. When the value is equal to 111b, then
0x7
R/W
111 VA ADC data.
[11:9]
IN_DIN
IN channel data can be selected from all channels.
The bit descriptions for 000b through 110b match
VC_DIN. When the value is equal to 111b, then
0x7
R/W
111 IN ADC data.
[8:6]
IC_DIN
IC channel data can be selected from all channels.
The bit descriptions for 000b through 110b match
VC_DIN. When the value is equal to 111b, then
0x7
R/W
111 IC ADC data.
[5:3]
IB_DIN
IB channel data can be selected from all channels.
The bit descriptions for 000b through 110b match
VC_DIN. When the value is equal to 111b, then
0x7
R/W
111 IB ADC data.
[2:0]
IA_DIN
IA channel data can be selected from all channels.
The bit descriptions for 000b through 110b match
VC_DIN. When the value is equal to 111b, then
0x7
R/W
111 IA ADC data.
0x425 CF_LCFG
[31:23] RESERVED
Reserved.
0x0
R
22
CF4_LT
If this bit is set, the CF4 pulse width is determined
by the CF_LTMR register value. If this bit is equal
to zero, then the active low pulse width is set at
80 ms for frequencies lower than 6.25 Hz.
0x0
R/W
21
CF3_LT
If this bit is set, the CF3 pulse width is determined
by the CF_LTMR register value. If this bit is equal
to zero, the active low pulse width is set at 80 ms
for frequencies lower than 6.25 Hz.
0x0
R/W
20
CF2_LT
If this bit is set, the CF2 pulse width is determined
by the CF_LTMR register value. If this bit is equal
to zero, the active low pulse width is set at 80 ms
for frequencies lower than 6.25 Hz.
0x0
R/W
19
CF1_LT
If this bit is set, the CF1 pulse width is determined
by the CF_LTMR register value. If this bit is equal
to zero, the active low pulse width is set at 80 ms
for frequencies lower than 6.25 Hz.
0x0
R/W
[18:0]
CF_LTMR
If the CFx_LT bit in the CF_LCFG register is set,
this value determines the active low pulse width
of the CFx pulse.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com