Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 26Page - Analog Devices ADE9000 Datasheet HTML 27Page - Analog Devices ADE9000 Datasheet HTML 28Page - Analog Devices ADE9000 Datasheet HTML 29Page - Analog Devices ADE9000 Datasheet HTML 30Page - Analog Devices ADE9000 Datasheet HTML 31Page - Analog Devices ADE9000 Datasheet HTML 32Page - Analog Devices ADE9000 Datasheet HTML 33Page - Analog Devices ADE9000 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 29 of 72
Total and Fundamental Apparent Power
The ADE9000 offers total and fundamental apparent power
measurements on all channels. See Figure 64 for how to
calculate the total apparent power for Phase A.
AIRMSOS
APGAIN
AIRMSOS
AIRMS
AVA
AVRMS
VNOM
VNOMx_EN
LPF2
AI_PCF
x2
215
215
LPF2
AI_PCF
ENERGY/
POWER/
CF ACCUMUL ATION
1
x2
0
Figure 64. Total Apparent Power, AVA, Calculation for Phase A
The total apparent power calculations, one for each channel (AVA,
BVA, and CVA) are updated every 8 kSPS. The fundamental
apparent power is also updated every 8 kSPS and is available in
the AFVA, BFVA and CFVA registers. With full-scale inputs,
the xVA and xFVA value is 20,694,066 decimals.
The ADE9000 offers a register (VNOM) that can be set to a value
to correspond to the desired voltage rms value. If the VNOMx_EN
bits in the CONFIG0 register are set, VNOM multiplies by
xIRMS when calculating xVA.
No Load Detection, Energy Accumulation, and Power
Accumulation Features
The ADE9000 calculates the total and fundamental values of
active, reactive, and apparent energy for all the three phases. The
ADE9000 can have signed, absolute, positive, or negative only
accumulation on active and reactive energies using the WATTACC
and VARACC bits in the ACCMODE register. The default
accumulation mode is signed.
No Load Detection Feature
The ADE9000 has a no load detection for each phase and energy
to prevent energy accumulation due to noise. If the accumulated
energy over the user defined time period is below the user defined
threshold, zero energy is accumulated into the energy register.
The NOLOAD_TMR bits in the EP_CFG register determine the
no load time period and the ACT_NL_LVL, REACT_NL_LVL,
and APP_NL_LVL registers contain the user defined no load
threshold. The no load status is available in the PHNOLOAD
register, the IRQ1 interrupt, and the EVENT pin.
Energy Accumulation
The energy is accumulated into a 42-bit signed internal energy
register at 8 kSPS. The internal register can accumulate a user
defined number of samples or half line cycles configured by
EGY_TMR_MODE bit in the EP_CFG register. When half line
cycle accumulation is enabled, configure the zero-crossing source
using the ZX_SEL bits in the ZX_LP_SEL register. The number of
samples or half line cycles is set in the EGY_TIME register. The
maximum value of EGY_TIME is 8191d. With full-scale inputs,
the internal register overflows in 13.3 sec. For a 50 Hz signal,
EGY_TIME must be lower than 1329 decimals to prevent
overflow during half line cycle accumulation.
After EGY_TIME + 1 samples or half line cycles, the EGYRDY bit
is set in the STATUS0 register and the energy register is updated.
The data from the internal energy register is added or latched to
the user energy register depending on the EGY_LD_ACCUM
bit setting in the EP_CFG register.
The energy register is signed and is 45 bits wide, split between
two 32-bit registers, as shown in Figure 65. The user energy can
reset on a read using the RD_RST_EN bit in the EP_CFG
register. With full-scale inputs, the user energy register
overflows in 106.3 sec.
Power Accumulation
The ADE9000 accumulates the total and fundamental values of
active, reactive, and apparent power for all the three phases into
respective xWATT_ACC and xFWATT_ACC, xVAR_ACC and
xFVAR_ACC, and xVA_ACC, and xFVA_ACC 32-bit signed
registers. The number of samples accumulated is set using the
PWR_TIME register. The PWRRDY bit in the STATUS0 register
is set after PWR_TIME + 1 samples accumulate at 8 kSPS. The
maximum value of the PWR_TIME register is 8191 decimals,
and the maximum power accumulation time is 1.024 sec.
The xSIGN bits in the PHSIGN register indicate the sign of
accumulated powers over the PWR_TIME interval. The PWR_
SIGN_SEL[1:0] bits allow the user to select whether the power
sign change follows the total or fundamental energies. When
sign of the accumulated power changes, the corresponding
REVx bits in the STATUS0 register are set and IRQ0 generates
an interrupt.
The ADE9000 allows the user to accumulate total active power
and VAR powers into separate positive and negative values into
the PWATT_ACC and NWATT_ACC, and PVAR_ACC and
NVAR_ ACC registers. A new accumulation from zero begins
when the power update interval set in PWR_TIMER elapses.
fDSP
0
INTERNAL ENERGY ACCUMULATOR
41
31
+
31
0
031
AWATTHR_HI
12
AWATT
AWATTHR_LO
12
13
Figure 65. Internal Energy Register to AWATTHR_HI and AWATTHR_LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com