Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 23Page - Analog Devices ADE9000 Datasheet HTML 24Page - Analog Devices ADE9000 Datasheet HTML 25Page - Analog Devices ADE9000 Datasheet HTML 26Page - Analog Devices ADE9000 Datasheet HTML 27Page - Analog Devices ADE9000 Datasheet HTML 28Page - Analog Devices ADE9000 Datasheet HTML 29Page - Analog Devices ADE9000 Datasheet HTML 30Page - Analog Devices ADE9000 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 26 of 72
THEORY OF OPERATION
MEASUREMENTS
Current Channel
The ADE9000 has three phase current channels and one neutral
current channel. The phase current channel datapath for IA, IB,
and IC is shown in Figure 56 and datapath for the neutral channel
is shown in Figure 57.
ADC_REDIRECT Multiplexer
The ADE9000 provides a multiplexer that allows any ADC
output to be redirected to any digital processing datapath
(see Figure 58).
By default, each modulator is mapped to its corresponding
datapath.
Current Channel Gain, xIGAIN
The ADE9000 provides current gain calibration registers
(AIGAIN, BIGAIN, CIGAIN and NIGAIN), one for each
current channel.
The current channel gain varies with xIGAIN as shown in the
following equation:
Current Channel Gain = (1 + (xIGAIN/227))
xIGAIN
HPF
REFERENCE
Σ-Δ
MODULATOR
IP
VIN
VIN
IM
SINC4
LPF
4:1
ZX DETECTION
xIGAINx
MTEN
PHASE
COMP
WAVEFORM
BUFFER
WF_SRC
INTEGRATOR
HPFDIS
INTEN
ZX_SRC_SEL
ICONSEL1
IB = –IA – IC
WF_CAP_SEL
xI_PCF
RESAMPLING
ADC_
REDIRECT
MUX
1REGISTER ACCMODE, BIT ICONSEL ONLY AFFECTS IB CHANNEL CALCULATION.
FUNDAMENTAL AND TOTAL
ACTIVE AND REACTIVE
POWER CALCULATIONS
CURRENT PEAK
DETECTION
FAST RMS½,
10 CYCLE RMS/
12 CYCLE RMS
RMS_SRC_SEL
FUNDAMENTAL AND TOTAL
RMS, VA, THD
CALCULATIONS
+1V
ANALOG INPUT RANGE
0V
–1V
Figure 56. Current Channel (IA, IB, IC) Datapath
HPF
REFERENCE
Σ-Δ
MODULATOR
INP
VIN
INN
SINC4
LPF
4:1
NIGAIN
PHASE
COMP
WAVEFORM
BUFFER
WF_SRC
INTEGRATOR
HPFDIS
ININTEN
WF_CAP_SEL
NI_PCF
RESAMPLING
ADC_
REDIRECT
MUX
VECTOR CURRENT SUM
CALCULATIONS
NEUTRAL CURRENT RMS
NPHCAL
FAST RMS½,
10 CYCLE RMS/
12 CYCLE RMS
RMS_SRC_SEL
V
+1V
ANALOG INPUT RANGE
0V
–1V
IN
Figure 57. Neutral Current Channel (IN) Datapath
REFERENCE
Σ-Δ
MODULATOR
VIN
SINC4
IA_DIN
IA_MOD
AI_SINC_DAT
AI_LPF_DAT
NOTES
1. Ix_MOD AND Vx_MOD ARE THE RESPECTIVE MODULATOR OUTPUT.
LPF
4:1
IA MODULATOR
IA DIGITAL DATAPATH
IA_MOD
011
IB_MOD
IC_MOD
IN_MOD
VA_MOD
VB_MOD
VC_MOD
IA_MOD
000
001
010
100
101
110
111
Figure 58. ADC_REDIRECT Modulator to Digital Datapath Multiplexing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com