Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 1 Page - Analog Devices

  ADE9000 Datasheet HTML 1Page - Analog Devices ADE9000 Datasheet HTML 2Page - Analog Devices ADE9000 Datasheet HTML 3Page - Analog Devices ADE9000 Datasheet HTML 4Page - Analog Devices ADE9000 Datasheet HTML 5Page - Analog Devices ADE9000 Datasheet HTML 6Page - Analog Devices ADE9000 Datasheet HTML 7Page - Analog Devices ADE9000 Datasheet HTML 8Page - Analog Devices ADE9000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
High Performance, Multiphase Energy,
and Power Quality Monitoring IC
Data Sheet
ADE9000
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
7 high performance ADCs
101 dB SNR
Wide input voltage range: ±1 V, 707 mV rms FS at gain = 1
Differential inputs
±25 ppm/°C maximum channel drift (including ADC, internal
VREF, PGA drift) enabling 10000:1 dynamic input range
Class 0.2 metrology with standard external components
Power quality measurements
Enables implementation of IEC 61000-4-30 Class S
VRMS ½, IRMS ½ rms voltage refreshed each half cycle
10 cycle rms/12 cycle rms
Dip and swell monitors
Line frequency—one per phase
Zero crossing, zero-crossing timeout
Phase angle measurements
Supports CTs and Rogowski coil (di/dt) sensors
Multiple range phase/gain compensation for CTs
Digital integrator for Rogowski coils
Flexible waveform buffer
Able to resample waveform to ensure 128 points per line
cycle for ease of external harmonic analysis
Events, such as dip and swell, can trigger waveform storage
Simplifies data collection for IEC 61000-4-7 harmonic analysis
Advanced metrology feature set
Total and fundamental active power, volt amperes reactive
(VAR), volt amperes (VA), watthour,VAR hour, and VA hour
Total and fundamental IRMS, VRMS
Total harmonic distortion
Power factor
Supports active energy standards: IEC 62053-21 and
IEC 62053-22; EN50470-3; OIML R46; and ANSI C12.20
Supports reactive energy standards: IEC 62053-23, IEC 62053-24
High speed communication port: 20 MHz serial port
interface (SPI)
Integrated temperature sensor with 12-bit successive
approximation register (SAR) ADC
±3°C accuracy from −40°C to +85°C
APPLICATIONS
Energy and power monitoring
Power quality monitoring
Protective devices
Machine health
Smart power distribution units
Polyphase energy meters
GENERAL DESCRIPTION
The ADE90001 is a highly accurate, fully integrated, multiphase
energy and power quality monitoring device. Superior analog
performance and a digital signal processing (DSP) core enable
accurate energy monitoring over a wide dynamic range. An
integrated high end reference ensures low drift over temperature
with a combined drift of less than ±25 ppm/°C maximum for
the entire channel including a programmable gain amplifier
(PGA) and an analog-to-digital converter (ADC).
The ADE9000 offers complete power monitoring capability by
providing total as well as fundamental measurements on rms,
active, reactive, and apparent powers and energies. Advanced
features such as dip and swell monitoring, frequency, phase
angle, voltage total harmonic distortion (VTHD), current total
harmonic distortion (ITHD), and power factor measurements
enable implementation of power quality measurements. The
½ cycle rms and 10 cycle rms/12 cycle rms, calculated according to
IEC 61000-4-30 Class S, provide instantaneous rms measurements
for real-time monitoring.
The ADE9000 offers an integrated flexible waveform buffer that
stores samples at a fixed data rate of 32 kSPS or 8 kSPS, or a
sampling rate that varies based on line frequency to ensure
128 points per line cycle. Resampling simplifies fast Fourier
transform (FFT) calculation of at least 50 harmonics in an
external processor.
The ADE9000 simplifies the implementation of energy and
power quality monitoring systems by providing tight integration of
acquisition and calculation engines. The integrated ADCs and
DSP engine calculate various parameters and provide data
through user accessible registers or indicate events through
interrupt pins. With seven dedicated ADC channels, the
ADE9000 can be used on a 3-phase system or up to three
single-phase systems. It supports current transformers (CTs) or
Rogowski coils for current measurements. A digital integrator
eliminates a discrete integrator required for Rogowski coils.
The ADE9000 absorbs most complexity in calculations for a
power monitoring system. With a simple host microcontroller,
the ADE9000 enables the design of standalone monitoring or
protection systems, or low cost nodes uploading data into the cloud.
Note that throughout this data sheet, multifunction pins, such
as CF4/EVENT/DREADY, are referred to either by the entire
pin name or by a single function of the pin, for example, EVENT,
when only that function is relevant.
1
Protected by U.S. Patents 8,350,558; 8,010,304. Other patents are pending.


Similar Part No. - ADE9000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
High Performance
Rev. 0
ADE9078ACPZ AD-ADE9078ACPZ Datasheet
2Mb / 108P
High Performance
Rev. 0
ADE9078ACPZ-RL AD-ADE9078ACPZ-RL Datasheet
2Mb / 108P
High Performance
Rev. 0
More results

Similar Description - ADE9000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
Energy Management Modular Smart Power Quality Analyzer
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
Energy Management Modular Power Quality Analyzer
logo
Integrated Device Techn...
90E21 IDT-90E21 Datasheet
793Kb / 57P
Single-Phase High-Performance Wide-Span Energy Metering IC
90E32 IDT-90E32 Datasheet
877Kb / 71P
Poly-Phase High-Performance Wide-Span Energy Metering IC
90E36 IDT-90E36 Datasheet
1,005Kb / 79P
Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
Microchip Technology
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
logo
fujitsu semiconductor
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
Power Voltage Monitoring IC
logo
Silicon Laboratories
EZR32WG-490MHZ SILABS-EZR32WG-490MHZ Datasheet
3Mb / 29P
Advanced Energy Monitoring
EZR32WG-915MHZ SILABS-EZR32WG-915MHZ Datasheet
3Mb / 29P
Advanced Energy Monitoring
logo
Analog Devices
ADE9430 AD-ADE9430 Datasheet
1Mb / 35P
High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com