Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000 Datasheet(PDF) 68 Page - Analog Devices

Part # ADE9000
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADE9000 Datasheet HTML 64Page - Analog Devices ADE9000 Datasheet HTML 65Page - Analog Devices ADE9000 Datasheet HTML 66Page - Analog Devices ADE9000 Datasheet HTML 67Page - Analog Devices ADE9000 Datasheet HTML 68Page - Analog Devices ADE9000 Datasheet HTML 69Page - Analog Devices ADE9000 Datasheet HTML 70Page - Analog Devices ADE9000 Datasheet HTML 71Page - Analog Devices ADE9000 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 67 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x49D PHSIGN
[15:10] RESERVED
Reserved.
0x0
R
9
SUM4SIGN
Sign of the sum of the powers included in the
CF4 datapath. The CF4 energy is positive if this
bit is clear and negative if this bit is set.
0x0
R
8
SUM3SIGN
Sign of the sum of the powers included in the
CF3 datapath. The CF3 energy is positive if this
bit is clear and negative if this bit is set.
0x0
R
7
SUM2SIGN
Sign of the sum of the powers included in the
CF2 datapath. The CF2 energy is positive if this
bit is clear and negative if this bit is set.
0x0
R
6
SUM1SIGN
Sign of the sum of the powers included in the
CF1 datapath. The CF1 energy is positive if this
bit is clear and negative if this bit is set.
0x0
R
5
CVARSIGN
Phase C reactive power sign bit. The PWR_SIGN_
SEL bit in the EP_CFG selects whether this feature
monitors total or fundamental reactive power.
0x0
R
4
CWSIGN
Phase C active power sign bit. The PWR_SIGN_SEL
bit in the EP_CFG selects whether this feature
monitors total or fundamental active power.
0x0
R
3
BVARSIGN
Phase B reactive power sign bit. The PWR_SIGN_
SEL bit in the EP_CFG selects whether this feature
monitors total or fundamental reactive power.
0x0
R
2
BWSIGN
Phase B active power sign bit. The PWR_SIGN_SEL
bit in the EP_CFG selects whether this feature
monitors total or fundamental active power.
0x0
R
1
AVARSIGN
Phase A reactive power sign bit. The PWR_SIGN_
SEL bit in the EP_CFG selects whether this feature
monitors total or fundamental reactive power.
0x0
R
0
AWSIGN
Phase A active power sign bit. The PWR_SIGN_SEL
bit in the EP_CFG selects whether this feature
monitors total or fundamental active power.
0x0
R
0x4A0 WFB_CFG
[15:13] RESERVED
Reserved.
0x0
R
12
WF_IN_EN
This setting determines whether the IN waveform
samples are read out of the waveform buffer
through the SPI.
0x0
R/W
0 IN waveform samples are not read out of
waveform buffer through the SPI.
1 IN waveform samples are read out of waveform
buffer through the SPI.
[11:10] RESERVED
Reserved.
0x0
R
[9:8]
WF_SRC
Waveform buffer source and DREADY (data
ready update rate) selection.
0x0
R/W
00 Sinc4 output at 32 kSPS.
01 Reserved.
10 Sinc4 + IIR LPF output at 8 kSPS.
11 Current and voltage channel waveform samples,
processed by the DSP (xI_PCF, xV_PCF) at 8 kSPS.
[7:6]
WF_MODE
Fixed data rate waveforms filling and trigger
based modes.
0x0
R/W
00 Stop when waveform buffer is full.
01 Continuous fill—stop only on enabled trigger
events.
10 Continuous filling—center capture around
enabled trigger events.
11 Continuous fill—save event address of enabled
trigger events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com