Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 28Page - Analog Devices ADE9000ACPZ Datasheet HTML 29Page - Analog Devices ADE9000ACPZ Datasheet HTML 30Page - Analog Devices ADE9000ACPZ Datasheet HTML 31Page - Analog Devices ADE9000ACPZ Datasheet HTML 32Page - Analog Devices ADE9000ACPZ Datasheet HTML 33Page - Analog Devices ADE9000ACPZ Datasheet HTML 34Page - Analog Devices ADE9000ACPZ Datasheet HTML 35Page - Analog Devices ADE9000ACPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 31 of 72
HPF
ZX DETECTION
LPF1
xVGAIN
PHASE
COMP
HPFDIS
ZX_SRC_SEL
VCONSEL1
VB = –VA – VC
VB = VA – VC
VB = –VA
VA = VA – VB;
VB = VA – VC;
VC = VC – VB;
xV_PCF
÷32
1VCONSEL SUPPORTS SEVERAL 3-WIRE AND 4-WIRE HARDWARE CONFIGURATIONS.
100
011
010
001
000
Figure 67. Voltage Channel Signal Chain Preceding Zero-Crossing Detection
xIGAIN
HPF
xIGAINx
PHASE
COMP
INTEGRATOR
MTEN
HPFDIS
INTEN
ICONSEL1
IB = –IA – IC
xI_PCF
ZX_SRC_SEL
ZX DETECTION
LPF1
1ICONSEL ONLY AFFECTS IB CHANNEL CALCULATION.
÷32
Figure 68. Current Channel Signal Chain Preceding Zero-Crossing Detection
POWER QUALITY MEASUREMENTS
Zero-Crossing Detection
The ADE9000 offers zero-crossing detection on the VA, VB,
VC, IA, IB, and IC input signals. The neutral current channel,
IN, does not contain a zero-crossing detection circuit. Figure 67
and Figure 68 show the current and voltage channel datapaths
preceding zero-crossing detection.
Use the ZX_SRC_SEL bit in the CONFIG0 register to select
data before the high-pass filter or after phase compensation to
configure the inputs to zero-crossing detection. ZX_SRC_SEL is
zero by default after reset.
To provide protection from noise, voltage channel zero-crossing
events (ZXVA, ZXVB, and ZXVC) do not generate if the
absolute value of the LPF1 output voltage is smaller than the
threshold, ZXTHRSH. The current channel zero-crossing
detection outputs (ZXIA, ZXIB, and ZXIC) are active for all
input signals levels.
Calculate the zero-crossing threshold, ZXTHRSH, from the
following equation:
ZXTHRSH =
(
) (
)
8
2
32
_
×
×
×
x
n
Attenuatio
LPF1
Scale
Full
at
PCF
V
where
V_PCF at Full Scale is ±74,532,013 decimals.
LPF1 Attenuation is 0.86 at 50 Hz, and 0.81 at 60 Hz.
x is the dynamic range below which the voltage channel zero-
crossing must be blocked.
The ADE9000 can calculate the combined zero crossings for all
three phases as (VA + VB − VC)/2 by configuring the ZX_SEL
bits in the ZX_LP_SEL register. If VCONSEL is not equal to 0,
the VB component in the combined zero-crossing circuit is set
to zero.
The zero-crossing detection circuits have two different output
rates: 8 kSPS and 1024 kSPS. The 8 kSPS zero-crossing signal
calculates the line period, updates the ZXx bits in the STATUS1
register, and monitors the zero-crossing timeout, phase sequence
error detection, resampling, and energy accumulation functions.
The 1024 kSPS zero-crossing signal calculates the angle and
updates the zero-crossing output on the CF3/ZX pin.
CF3/ZX
The CF3/ZX pin can output zero crossings using the CF3_CFG
bit in the CONFIG1 register. To configure the source for zero
crossing, use the ZX_SEL bits in ZX_LP_SEL register. The
CF3/ZX output pin goes from low to high when a negative to
positive transition is detected and from high to low when a
positive to negative transition occurs.
Zero-Crossing Timeout
If a zero crossing is not received after (ZXTOUT + 1)/8000 sec,
the corresponding ZXTOx bit in the STATUS1 register is set
and generates an interrupt on the IRQ1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com