Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 59Page - Analog Devices ADE9000ACPZ Datasheet HTML 60Page - Analog Devices ADE9000ACPZ Datasheet HTML 61Page - Analog Devices ADE9000ACPZ Datasheet HTML 62Page - Analog Devices ADE9000ACPZ Datasheet HTML 63Page - Analog Devices ADE9000ACPZ Datasheet HTML 64Page - Analog Devices ADE9000ACPZ Datasheet HTML 65Page - Analog Devices ADE9000ACPZ Datasheet HTML 66Page - Analog Devices ADE9000ACPZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 62 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x410 DIP_LVL
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
DIPLVL
Voltage rms½ dip detection threshold level.
0x0
R/W
0x411 DIPA
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
DIPA_VAL
Phase A voltage rms½ value during a dip condition. 0x7FFFFF R
0x412 DIPB
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
DIPB_VAL
Phase B voltage rms½ value during a dip condition. 0x7FFFFF R
0x413 DIPC
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
DIPC_VAL
Phase C voltage rms½ value during a dip condition. 0x7FFFFF R
0x414 SWELL_LVL
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
SWELLLVL
Voltage rms½ swell detection threshold level.
0xFFFFFF R/W
0x415 SWELLA
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
SWELLA_VAL
Phase A voltage rms½ value during a swell
condition.
0x0
R
0x416 SWELLB
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
SWELLB_VAL
Phase B voltage rms½ value during a swell
condition.
0x0
R
0x417 SWELLC
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
SWELLC_VAL
Phase C voltage rms½ value during a swell
condition.
0x0
R
0x41F PHNOLOAD
[31:18] RESERVED
Reserved.
0x0
R
17
CFVANL
This bit is set if the Phase C fundamental
apparent energy is in no load.
0x0
R
16
CFVARNL
This bit is set if the Phase C fundamental reactive
energy is in no load.
0x0
R
15
CFWATTNL
This bit is set if the Phase C fundamental active
energy is in no load.
0x0
R
14
CVANL
This bit is set if the Phase C total apparent
energy is in no load.
0x0
R
13
CVARNL
This bit is set if the Phase B total reactive energy
is in no load.
0x0
R
12
CWATTNL
This bit is set if the Phase C total active energy is
in no load.
0x0
R
11
BFVANL
This bit is set if the Phase B fundamental
apparent energy is in no load.
0x0
R
10
BFVARNL
This bit is set if the Phase B fundamental reactive
energy is in no load.
0x0
R
9
BFWATTNL
This bit is set if the Phase B fundamental active
energy is in no load.
0x0
R
8
BVANL
This bit is set if the Phase B total apparent
energy is in no load.
0x0
R
7
BVARNL
This bit is set if the Phase B total reactive energy
is in no load.
0x0
R
6
BWATTNL
This bit is set if the Phase B total active energy is
in no load.
0x0
R
5
AFVANL
This bit is set if the Phase A fundamental
apparent energy is in no load.
0x0
R
4
AFVARNL
This bit is set if the Phase A fundamental reactive
energy is in no load.
0x0
R
3
AFWATTNL
This bit is set if the Phase A fundamental active
energy is in no load.
0x0
R
2
AVANL
This bit is set if the Phase A total apparent
energy is in no load.
0x0
R
1
AVARNL
This bit is set if the Phase A total reactive energy
is in no load.
0x0
R
0
AWATTNL
This bit is set if the Phase A total active energy is
in no load.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com