Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 29Page - Analog Devices ADE9000ACPZ Datasheet HTML 30Page - Analog Devices ADE9000ACPZ Datasheet HTML 31Page - Analog Devices ADE9000ACPZ Datasheet HTML 32Page - Analog Devices ADE9000ACPZ Datasheet HTML 33Page - Analog Devices ADE9000ACPZ Datasheet HTML 34Page - Analog Devices ADE9000ACPZ Datasheet HTML 35Page - Analog Devices ADE9000ACPZ Datasheet HTML 36Page - Analog Devices ADE9000ACPZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 32 of 72
Line Period Calculation
The ADE9000 calculates the line period for the Phase A, Phase B,
and Phase C voltages, and the combined voltage signal, and the
results are available in the APERIOD, BPERIOD, CPERIOD,
and COM_PERIOD registers, respectively.
Calculate the line period, tL, from the xPERIOD register,
according to the following equation:
(sec)
2
8000
1
16
×
+
= xPERIOD
tL
If the calculated period value is outside the range of 40 Hz to
70 Hz, or if zero crossings for that phase are not detected, the
xPERIOD register is coerced to correspond to 50 Hz or 60 Hz,
depending on SELFREQ bit in the ACCMODE register.
LP_SEL
00
01
11
10
COM_PERIOD
CPERIOD
BPERIOD
APERIOD
RESAMPLING
USER_PERIOD
UPERIOD_SEL
WAVEFORM
BUFFER
SINC4 OUTPUT
SINC4 + IIR LPF OUPUT
xI_PCF, xV_PCF
FAST RMS½
10 CYCLE RMS/
12 CYCLE RMS
WF_CAP_SEL
WF_SRC
Figure 69. Line Period Selection for Resampling
Angle Measurement
The ADE9000 provides nine angle measurements. ANGL_IA_IB,
ANGL_IB_IC, and ANGL_IA_IC provide phase angle between
currents. ANGL_VA_VB, ANGL_VB_VC, and ANGL_VA_VC
provide phase angle between voltages. ANGL_VA_IA,
ANGL_VB_IB, and ANGL_VC_IC provide phase angle between
voltage and currents. To convert angle register reading to degrees,
use the following equations.
For a 50 Hz system,
Angle (Degrees) = ANGL_x_y × 0.017578125
For a 60 Hz system,
Angle (Degrees) = ANGL_x_y × 0.02109375
Phase Sequence Error Detection
The ADE9000 monitors phase sequences and sets the SEQERR
bit in the STATUS1 register if a sequence error occurs or a phase
drops below ZXTHRSH. SEQ_CYC determines the number of
cycles to monitor to generate the sequence error. To generate an
interrupt on IRQ1, set the SEQERR bit in the MASK1 register.
Fast RMS½ Measurement
RMS½ is an rms measurement performed over one line cycle,
updated every half cycle. This measurement is provided for
voltage and current on all phases plus the neutral current. All
the half cycle rms measurements are performed over the same
time interval and update at the same time, as indicated by the
RMSONERDY bit in the STATUS0 register. The results are
stored in the AIRMSONE, BIRMSONE, CIRMSONE,
NIRMSONE, AVRMSONE, BVRMSONE, and CVRMSONE
registers. The xRMSONE register reading with full-scale inputs
is 52,702,092d.
It is recommended to select the data before the high-pass filter
for the fast rms measurement by setting the RMS_SRC_SEL bit
in the CONFIG0 register.
The LP_SEL bits in the ZX_LP_SEL register select which line
period measurement sets the number of samples used in the
rms½ measurement. Alternatively, set the UPERIOD_SEL bit in
the CONFIG2 register to set desired period in the USER_PERIOD
register for line period measurement. An offset correction
register is available for improved performance with small input
signal levels, xRMSONEOS.
The signal chain is shown in Figure 70.
REGISTER ZX_LP_SEL, BIT LP_SEL
00
01
11
10
COM_PERIOD
CPERIOD
BPERIOD
APERIOD
USER_PERIOD
UPERIOD_SEL
WAVEFORM
BUFFER
xI_PCF
xIRMSONEOS
xIRMS1012OS
SELFREQ
HPF
PHASE
COMP
INTEGRATOR
HPFDIS
INTEN
RMS_SRC_SEL
CURRENT
CHANNEL
SAMPLES
xIRMSONE
xIRMS1012
RESAMPLING
FAST RMS½
10 CYCLE RMS/
12 CYCLE RMS
Figure 70. RMS½, 10 Cycle RMS, and 12 Cycle RMS Measurements
10 Cycle RMS/12 Cycle RMS
The 10 cycle rms/12 cycle rms measurement is performed over
10 cycles on a 50 Hz network or 12 cycles on a 60 Hz network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com