Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 66 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 66 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 62Page - Analog Devices ADE9000ACPZ Datasheet HTML 63Page - Analog Devices ADE9000ACPZ Datasheet HTML 64Page - Analog Devices ADE9000ACPZ Datasheet HTML 65Page - Analog Devices ADE9000ACPZ Datasheet HTML 66Page - Analog Devices ADE9000ACPZ Datasheet HTML 67Page - Analog Devices ADE9000ACPZ Datasheet HTML 68Page - Analog Devices ADE9000ACPZ Datasheet HTML 69Page - Analog Devices ADE9000ACPZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 65 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x48F OISTATUS
[15:4]
RESERVED
Reserved.
0x0
R
[3:0]
OIPHASE
OIPHASE, Bit 0 indicates Phase A is above OILVL. 0x0
R
OIPHASE, Bit 1 indicates Phase B is above OILVL.
OIPHASE, Bit 2 indicates Phase C is above OILVL.
OIPHASE, Bit 3 indicates Phase N is above OILVL.
0x490 CFMODE
15
CF4DIS
CF4 output disable. Set this bit to disable the
CF4 output and bring the pin high. Note that
when this bit is set, the CFx bit in STATUS0 is not
set when a CF pulse is accumulated in the digital
to frequency converter.
0x0
R/W
14
CF3DIS
CF3 output disable. See CF4DIS.
0x0
R/W
13
CF2DIS
CF2 output disable. See CF4DIS.
0x0
R/W
12
CF1DIS
CF1 output disable. See CF4DIS
0x0
R/W
[11:9]
CF4SEL
Type of energy output on the CF4 pin. Configure
TERMSEL4 in the COMPMODE register to select
which phases are included.
0x0
R/W
000 Total active power.
001 Total reactive power.
010 Total apparent power.
011 Fundamental active power.
100 Fundamental reactive power.
101 Fundamental apparent power.
110 Total active power.
111 Total active power.
[8:6]
CF3SEL
Selects type of energy output on CF3 pin. See
CF4SEL.
0x0
R/W
[5:3]
CF2SEL
Selects type of energy output on CF2 pin. See
CF4SEL.
0x0
R/W
[2:0]
CF1SEL
Selects type of energy output on CF1 pin. See
CF4SEL.
0x0
R/W
0x491 COMPMODE
[15:12] RESERVED
Reserved.
0x0
R
[11:9]
TERMSEL4
Phases to include in CF4 pulse output. Set
TERMSEL4, Bit 2 to 1 to include Phase C in the
CF4 pulse output. Similarly, set TERMSEL4, Bit 1 to
include Phase B, and TERMSEL4, Bit 0 for Phase A.
0x0
R/W
[8:6]
TERMSEL3
Phases to include in CF3 pulse output. See
TERMSEL4.
0x0
R/W
[5:3]
TERMSEL2
Phases to include in CF2 pulse output. See
TERMSEL4.
0x0
R/W
[2:0]
TERMSEL1
Phases to include in CF1 pulse output. See
TERMSEL4.
0x0
R/W
0x492 ACCMODE
[15:9]
RESERVED
Reserved.
0x0
R
8
SELFREQ
Use this bit to configure the IC for a 50 Hz or
60 Hz system. This setting is used in the
fundamental power measurements and to set the
default line period used for VRMS½, 10 cycle rms/
12 cycle rms and resampling calculations if a
zero crossing is not present.
0x0
R/W
0 50 Hz.
1 60 Hz.
7
ICONSEL
Set this bit to calculate the current flowing
through IB from the IA and IC measurements. If
this bit is set, IB = −IA − IC.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com